Electronic Components Datasheet Search |
|
PM600DVA060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor |
|
PM600DVA060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor |
3 / 6 page MITSUBISHI <INTELLIGENT POWER MODULES> PM600DVA060 FLAT-BASE TYPE INSULATED PACKAGE Jun. 2005 Supply Voltage Protected by SC Supply Voltage (Surge) Module Case Operating Temperature Storage Temperature Isolation Voltage VCC(surge) TC Tstg Viso V VD = 13.5 ~ 16.5V, Inverter Part, Tj = 125 °C Start Applied between : C1-E2, Surge value or without switching (Note-1) 60Hz, Sinusoidal, Charged part to Base, AC 1 min. 400 Parameter Symbol Condition Ratings VCC(PROT) 500 –20 ~ +100 –40 ~ +125 2500 Unit V °C °C Vrms TOTAL SYSTEM CONTROL PART (Note-2) Fault output is given only when the internal SC, OT & UV protection. Fault output of OT protection operate by lower arm Fault output of OT, UV protection given pulse while over level. VD = 15V, VCIN = 5V Applied between : CPI-VPC, CNI -VNC –20 ≤ Tj ≤ 125°C, VD = 15V VD = 15V Base-plate Temperature detection, VD = 15V Vth(ON) Vth(OFF) SC toff(SC) OT OTr UV UVr IFO(H) IFO(L) tFO VSXR Circuit Current Input ON Threshold Voltage Input OFF Threshold Voltage Short Circuit Trip Level Short Circuit Current Delay Time Over Temperature Protection (Lower-arms only) Supply Circuit Under-Voltage Protection Fault Output Current Minimum Fault Output Pulse Width SXR Terminal Output Voltage 27 27 1.5 2.0 — 10 118 100 12.0 12.5 — 10 1.8 5.1 –20 ≤ Tj ≤ 125°C VD = 15V, VFO = 15V (Note-2) VD = 15V (Note-2) –20 ≤ Tj ≤ 125°C, Rin=6.8kΩ V A Trip level Reset level Trip level Reset level ID µs °C V mA ms V 38 38 1.8 2.3 — — 125 — 12.5 — 0.01 15 — 5.6 mA — — 1.2 1.7 740 — 111 — 11.5 — — — 1.0 4.5 Parameter Symbol Test Condition Max. Min. Typ. Unit Limits VN1-VNC VP1-VPC ELECTRICAL CHARACTERISTICS (Tj = 25 °C, unless otherwise noted) INVERTER PART –IC = 600A, VD = 15V, VCIN = 5V VD = 15V, IC = 600A VCIN = 0V V µs V mA 2.80 3.05 3.30 2.1 0.3 1.1 2.9 1.2 1 10 Min. Typ. Max. Collector-Emitter Saturation Voltage Collector-Emitter Cutoff Current Parameter Symbol Test Condition VCE(sat) ICES VEC ton trr tc(on) toff tc(off) Limits — — — 0.4 — — — — — — 2.35 2.55 2.20 0.8 0.2 0.3 1.8 0.6 — — Tj = 25 °C Tj = 125 °C FWDi Forward Voltage Switching Time VD = 15V, VCIN = 0V ↔5V VCC = 300V, IC = 600A Tj = 125 °C Inductive Load (upper and lower arm) VCE = VCES, VCIN = 5V Unit Tj = 25 °C Tj = 125 °C (Note-1) TC measurement point is below. (3mm depth at the center of the side of base plate) Tc |
Similar Part No. - PM600DVA060_05 |
|
Similar Description - PM600DVA060_05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |