Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBE602 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SBE602
Description  Schottky Barrier Diode (Twin Type Cathode Common) 30V, 70mA Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBE602 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SBE602 Datasheet HTML 1Page - Sanyo Semicon Device SBE602 Datasheet HTML 2Page - Sanyo Semicon Device SBE602 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SBE602
No.8965-3/3
PS
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state,
and are not guarantees of the performance, characteristics, and functions of the described products
as mounted in the customer's products or equipment. To verify symptoms and states that cannot be
evaluated in an independent device, the customer should always evaluate and test devices mounted
in the customer's products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic
or mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate
and reliable, but no guarantees are made or implied regarding its use or any infringements of
intellectual property rights or other rights of third parties.
2
1.0
32
3
57
2
0.1
35
7
0.01
7
C -- VR
0
0.4
0.8
2.0
2.4
1.2
1.6
2.8
ID00235
IFSM -- t
IS
20ms
t
Reverse Voltage, VR -- V
Current waveform 50Hz sine wave
Time, t -- s
f=1MHz
2
2
3
3
10
5
7
23
5
2
3
5
0.1
72
1.0
35
7 10
IT11429
This catalog provides information as of October, 2006. Specifications and information herein are subject
to change without notice.


Similar Part No. - SBE602

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBE001 SANYO-SBE001 Datasheet
35Kb / 3P
   30V, 2A Rectifier
logo
ON Semiconductor
SBE001 ONSEMI-SBE001 Datasheet
727Kb / 4P
   Schottky Barrier Diode
May, 2014
logo
Cypress Semiconductor
SBE001 CYPRESS-SBE001 Datasheet
2Mb / 23P
   Power Supply Application
logo
ON Semiconductor
SBE001-TL-E ONSEMI-SBE001-TL-E Datasheet
727Kb / 4P
   Schottky Barrier Diode
May, 2014
logo
Sanyo Semicon Device
SBE002 SANYO-SBE002 Datasheet
35Kb / 3P
   50V, 1A Rectifier
More results

Similar Description - SBE602

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR732E KEC-KDR732E Datasheet
389Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (TWIN TYPE, CATHODE COMMON)
KDR732V KEC-KDR732V Datasheet
390Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (TWIN TYPE, CATHODE COMMON)
logo
Sanyo Semicon Device
SBT250-04JS SANYO-SBT250-04JS Datasheet
249Kb / 3P
   Schottky Barrier Diode (Twin Type - Cathode Common) 40V, 25A Rectifier
SBT150-06JS SANYO-SBT150-06JS Datasheet
251Kb / 3P
   Schottky Barrier Diode (Twin Type - Cathode Common) 60V, 15A Rectifier
SBR250-10JS SANYO-SBR250-10JS Datasheet
251Kb / 3P
   Schottky Barrier Diode (Twin Type - Cathode Common) 100V, 25A Rectifier
RU-SPX4 SANYO-RU-SPX4 Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common)
SBR100-16JS SANYO-SBR100-16JS Datasheet
39Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 10A Rectifier
SBT80-06LS SANYO-SBT80-06LS Datasheet
42Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 8A Rectifier
SBT80-10LS SANYO-SBT80-10LS Datasheet
41Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 8A Rectifier
SBT250-06L SANYO-SBT250-06L Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 25A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com