Part Name
         Description
SB0503SH

 Schottky Barrier Diode 30V, 0.5A Rectifier ( 3 Page)


SANYO
100% 
Zoom Out Zoom In
   
 2 page
background image
SB0503SH
No.8374-2/3
0
0.1
IT08547
0.001
2
3
5
7
0.01
2
3
5
7
0.1
2
3
5
7
1.0
2
3
0.2
0.3
0.4
0.5
0.6
0.7
25
°C
IF -- VF
Forward Voltage, VF -- V
IR -- VR
Reverse Voltage, VR -- V
Reverse Voltage, VR -- V
C -- VR
0.1
1.0
2
10
2
3
7
5
3
2
7
5
3
5
100
72
10
33
57
2
5
IT09348
(2) (4) (3)
(1)
0
0
0.2
1.0
1.2
0.8
0.4
0.2
0.6
0.4
0.6
0.8
1.2
1.0
IT09347
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Average Output Current, IO -- A
PF(AV) -- IO
10
0
35
IT09655
2
5
2
5
2
5
2
5
1000
10
2
5
100
0.1
2
5
1.0
0.01
0.001
20
30
515
25
Ta=125°C
100°C
75°C
50°C
0
°C
25
°C
θ
360
°
Rectangular
wave
180
°
360
°
Sine wave
Package Dimensions
Electrical Connection
unit : mm
7028-001
trr Test Circuit
1.6
0.5
0.2
0.2
1
3
2
64
5
1 : Cathode
2 : Cathode
3 : No Contact
4 : Anode
5 : Cathode
6 : Cathode
SANYO : SCH6
Duty
≤10%
50
100
10
--5V
trr
10
µs
12
3
4
65
1 : Cathode
2 : Cathode
3 : No Contact
4 : Anode
5 : Cathode
6 : Cathode
Top view



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SB0503ECLow IR Schottky Barrier Diode 30V 0.5A Rectifier 1 2 3 Sanyo Semicon Device
SB0203EJSchottky Barrier Diode 30V 200mA Rectifier 1 2 3 Sanyo Semicon Device
G400SDSURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 40V CURRENT 0.5A 1 2 GTM CORPORATION
G411SDSURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 40V CURRENT 0.5A 1 2 GTM CORPORATION
B0520LW_10.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
B0540W_10.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
B0530W_10.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
BAT400D_10.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
1N5820SCHOTTKY BARRIER RECTIFIER 1 2 Rectron Semiconductor
CMS-S035-020SCHOTTKY BARRIER DIODE 1 Champion Microelectronic Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl