Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH6937 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # MCH6937
Description  TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6937 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  MCH6937 Datasheet HTML 1Page - Sanyo Semicon Device MCH6937 Datasheet HTML 2Page - Sanyo Semicon Device MCH6937 Datasheet HTML 3Page - Sanyo Semicon Device MCH6937 Datasheet HTML 4Page - Sanyo Semicon Device MCH6937 Datasheet HTML 5Page - Sanyo Semicon Device MCH6937 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MCH6937
No.8040-6/6
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
PS
[Common]
020
40
60
100
120
140
0
80
0.5
0.55
0.6
0.4
0.3
0.2
0.1
160
Ambient Temperature, Ta --
°C
PT -- Ta
IT07146
Mounted
on
a
ceramic
board
(600mm
2
0.8mm)
PD -- Ta
Ambient Temperature, Ta --
°C
[FET]
020
4060
100
120
140
0
80
0.5
0.6
0.4
0.3
0.2
0.1
160
IT01118
Mounted
on
a
ceramic
board
(600mm
2
0.8mm)1unit
Note on usage : Since the MCH6937 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.
This catalog provides information as of March, 2007. Specifications and information herein are subject
to change without notice.


Similar Part No. - MCH6937

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6931 SANYO-MCH6931 Datasheet
77Kb / 6P
   MCH6931
MCH6933 SANYO-MCH6933 Datasheet
70Kb / 6P
   MCH6933
MCH6935 SANYO-MCH6935 Datasheet
71Kb / 6P
   TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch Applications
More results

Similar Description - MCH6937

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6935 SANYO-MCH6935 Datasheet
71Kb / 6P
   TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch Applications
logo
Panasonic Semiconductor
XN09D57 PANASONIC-XN09D57 Datasheet
101Kb / 4P
   Silicon PNP epitaxial planar type (Tr) Silicon epitaxial planar type (SBD)
XN09D58 PANASONIC-XN09D58 Datasheet
102Kb / 4P
   Silicon PNP epitaxial planar type (Tr) Silicon epitaxial planar type (SBD)
XN09D61 PANASONIC-XN09D61 Datasheet
107Kb / 5P
   Silicon PNP epitaxial planar type (Tr) / Silicon epitaxial planar type (SBD)
logo
Sanyo Semicon Device
ECH8901 SANYO-ECH8901 Datasheet
369Kb / 6P
   PNP Epitaxial Planar Silicon Transistor P-Channel Silicon MOSFET
logo
SeCoS Halbleitertechnol...
UMZ1N SECOS-UMZ1N_15 Datasheet
1Mb / 4P
   Silicon Epitaxial Planar Power Management
logo
TT Electronics.
2N5333 TTELEC-2N5333 Datasheet
91Kb / 3P
   SILICON EPITAXIAL PLANAR PNP POWER TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649A HSMC-HSB649A Datasheet
32Kb / 3P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Continental Device Indi...
2N6708 CDIL-2N6708 Datasheet
132Kb / 3P
   PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Rohm
2SB1009 ROHM-2SB1009 Datasheet
39Kb / 1P
   Epitaxial Planar PNP Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com