Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MCH6731 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. MCH6731
Description  PNP Epitaxial Planar Silicon Transistor Schottky Barrier Diode DC / DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 4 page
background image
MCH6731
No.7708-4/5
IT06885
0.9
1.0
0.2
0
20
40
60
80
100
120
140
160
0
0.6
0.8
0.85
0.4
0.1
0.5
0.7
0.3
0
0.1
0.01
0.3
0.4
0.1
0.2
7
5
3
2
1.0
7
5
3
2
0.5
IT06886
Mounted
on
a
ceramic
board
(600mm
2!
0.8mm)
Ambient Temperature, Ta --
°C
PC -- Ta
Collector Current, IC -- mA
fT -- IC
IT05101
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
IT05100
--1.0
5
3
--1000
--100
27
5
3
27
5
3
27
--10
27
35
--10
23
--1.0
10
1.0
2
3
2
7
5
3
f=1MHz
VCE= --2V
100
10
1000
7
5
3
2
7
5
3
2
f=1MHz
--0.1
Ron -- IB
IT06091
2
0.1
7
5
3
2
1.0
7
5
3
10
3
2
57
3
2
57
--1.0
--10
OUT
IN
1k
1k
IB
[TR]
[TR]
[TR]
[TR]
[TR]
[SBD]
[SBD]
Collector-to-Emitter Voltage, VCE -- V
A S O
IT06884
--0.01
--0.1
3
2
5
7
3
2
3
2
5
7
--1.0
23
5
7
2
3
5
7
--1.0
--0.1
--10
23
1ms
100ms
DC
operation
ICP= --2A
IC= --1A
10
µs
Ta=25
°C
Single pulse
Mounted on a ceramic board (600mm2!0.8mm)
IR -- VR
IF -- VF
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
IT06887
0
1.0
2
5
3
7
2
5
3
7
2
5
3
7
2
5
3
7
10
100
1000
10000
510
15
Ta=125°
C
25°C
50°C
75°C
100°C
Base Current, IB -- mA




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CPH6531PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
2SA2179PNP Epitaxial Planar Silicon Transistor 50V / 13A High-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SA2205PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1 2 3 4 Sanyo Semicon Device
2SC5990NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
2SA2207PNP Epitaxial Planar Silicon Transistor 50V / 13A High-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3144PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
MCH3144PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
CPH3148PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3145PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 5 Sanyo Semicon Device
MCH3145PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl