Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MCH6731 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. MCH6731
Description  PNP Epitaxial Planar Silicon Transistor Schottky Barrier Diode DC / DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 3 page
background image
MCH6731
No.7708-3/5
Collector-to-Emitter Voltage, VCE -- mV
IC -- VCE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Collector Current, IC -- mA
hFE -- IC
Collector Current, IC -- mA
VCE(sat) -- IC
0
0
--1000
--200
--100
--200
--300
--400
--500
--600
--700
--800
--900
0
--400
--1200
--600
--800
--1000
--200
--500
--1000
--800 --900
--100
--300 --400
--600 --700
IT05094
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
IT05095
--15mA
--10mA
--7mA
--5mA
--3mA
--2mA
--1mA
--0.5mA
IB=0
VCE= --2V
--1.0
23
5
7
23
5
7
23
5
7
--10
--100
2
3
5
7
100
1000
--100
--1000
--1.0
2
3
5
--10
7
2
3
5
7
2
3
5
7
--1000
IT05096
IT05097
--1.0
23
5 7 --10
23
5
7
23
5
7
--100
--1000
--25
°C
Ta=75
°C
VCE= --2V
IC / IB=20
Ta=75
°C
25
°C
--25
°C
25
°C
[TR]
[TR]
[TR]
[TR]
[TR]
[TR]
Collector Current, IC -- mA
IT05098
VCE(sat) -- IC
IT05099
Collector Current, IC -- mA
VBE(sat) -- IC
--1.0
35 7 --10
23
5 7
23
5 7
2
--100
--1000
--10
--1.0
--0.1
7
5
3
2
7
5
3
2
--1.0
--100
--1000
--10
23
5
7
2
3
5 7 --100
2
--1000
35 7
--10
7
5
3
2
7
5
3
2
IC / IB=50
Ta=75
°C
25
°C
--25
°C
IC / IB=20
Ta= --25°C
25
°C
75°C
Switching Time Test Circuit
trr Specified Circuit
[TR]
[Di]
VR
RB
VCC= --5V
VBE=5V
+
+
50
INPUT
OUTPUT
RL
220
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
IC=20IB1= --20IB2= --400mA
Duty
10%
50
100
10
--5V
trr
10
µs




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CPH6531PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
2SA2179PNP Epitaxial Planar Silicon Transistor 50V / 13A High-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SA2205PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1 2 3 4 Sanyo Semicon Device
2SC5990NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
2SA2207PNP Epitaxial Planar Silicon Transistor 50V / 13A High-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3144PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
MCH3144PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
CPH3148PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3145PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 5 Sanyo Semicon Device
MCH3145PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl