Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MCH6731 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. MCH6731
Description  PNP Epitaxial Planar Silicon Transistor Schottky Barrier Diode DC / DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
MCH6731
No.7708-1/5
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7708
MCH6731
PNP Epitaxial Planar Silicon Transistor
Schottky Barrier Diode
DC / DC Converter Applications
Features
Composite type with a PNP transistor and a Schottky barrier diode contained in one package facilitatiing
high-density mounting.
Ultrasmall package permitting applied sets to be small and slim (mounting height 0.85mm).
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
[TR]
Collector-to-Base Voltage
VCBO
--15
V
Collector-to-Emitter Voltage
VCEO
--12
V
Emitter-to-Base Voltage
VEBO
--5
V
Collector Current
IC
--1
A
Collector Current (Pulse)
ICP
--2
A
Collector Dissipation
PC
Mounted on a ceramic board (600mm2!0.8mm)
0.85
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +125
°C
[SBD]
Repetitive Peak Reverse Voltage
VRRM
15
V
Non-repetitive Peak Reverse Surge Voltage
VRSM
15
V
Average Output Current
IO
0.5
A
Surge Current
IFSM
50Hz sine wave, 1 cycle
2
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Marking : PF
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
63004 TS IM TB-00000071




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CPH6531PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
2SA2179PNP Epitaxial Planar Silicon Transistor 50V / 13A High-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SA2205PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1 2 3 4 Sanyo Semicon Device
2SC5990NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
2SA2207PNP Epitaxial Planar Silicon Transistor 50V / 13A High-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3144PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
MCH3144PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
CPH3148PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3145PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 5 Sanyo Semicon Device
MCH3145PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl