Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73112-11 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY73112-11
Description  750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73112-11 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY73112-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73112-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73112-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73112-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73112-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73112-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73112-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY73112-11 Datasheet HTML 12Page - Skyworks Solutions Inc. SKY73112-11 Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PRELIMINARY DATA SHEET • SKY73112 VCO/SYNTHESIZER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
July 9, 2007 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • 200736A
S1104
1
2
3
4
5
6
7
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
GND
GND
GND
SW_EN
GND
8
GND
9
GND
10
RF_OUT
RF Output
(50
Ω Controlled
Impedance Line)
RF Output
Switch Control
+5 V
From Regulator
Latch Enable
Data
Clock
GND
GND
29
28
27
26
25
24
23
GND
GND
GND
GND
FREF
22
LD
21
N/C
20
GND
GND
N/C
C1
10
μF
C2
10 nF
Lock Detect
×
Frequency
Reference
×
×
×
+
SKY73112
Figure 7. SKY73112 Typical Application Schematic


Similar Part No. - SKY73112-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73112-11 SKYWORKS-SKY73112-11 Datasheet
179Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112-11 SKYWORKS-SKY73112-11_09 Datasheet
274Kb / 22P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
More results

Similar Description - SKY73112-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73112-11 SKYWORKS-SKY73112-11_09 Datasheet
274Kb / 22P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY72300-362 SKYWORKS-SKY72300-362 Datasheet
179Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73101 SKYWORKS-SKY73101 Datasheet
158Kb / 13P
   1800-1990 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73121-11 SKYWORKS-SKY73121-11 Datasheet
265Kb / 22P
   1805 - 1890 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73103 SKYWORKS-SKY73103 Datasheet
172Kb / 18P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73103-11 SKYWORKS-SKY73103-11_09 Datasheet
244Kb / 22P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73100 SKYWORKS-SKY73100 Datasheet
157Kb / 13P
   865-960 MHz High Performance VCO/Synthesizer With Integrated Switch
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com