Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73103-11 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY73103-11
Description  1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73103-11 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY73103-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY73103-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73103-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73103-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73103-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73103-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73103-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73103-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73103-11 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PRELIMINARY DATA SHEET • SKY73103 VCO/SYNTHESIZER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
July 19, 2007 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • 200649B
Vtune
Lr
Cal
Vtune
R1
SP1
SC1
FN
ME
N
PS
CPO RF
Calibration
Complete
cap [6:0]
R1
Divider
RF
PFD
Mux
(LD/Test)
RF Charge
Pump
N
Divider
ΔΣ
Modulator
cap [6:0]
Flag
7
7
7
2
2
2
2
Lr
S1040
Divide-by-2
P/P+1
Prescaler
Buffer
VCO Out +
RF Output
Z = 1:4
VCO Out –
SR Out +
SR Out –
PLL
Low Pass Filter
3-Wire
Serial
Interface
Digital
Coarse
Calibration
FREF
RFIN
CLK
SW_EN
LE
DAT
RFINB
LD
Figure 2. SKY73103 Functional Block Diagram
Table 1. SKY73103 Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
GND
Ground
20
GND
Ground
2
GND
Ground
21
N/C
No connection
3
GND
Ground
22
LD
Lock detect output
4
SW_EN
Synthesizer RF output switch enable
23
FREF
Frequency reference input
5
GND
Ground
24
GND
Ground
6
GND
Ground
25
GND
Ground
7
GND
Ground
26
GND
Ground
8
GND
Ground
27
N/C
No connection
9
GND
Ground
28
GND
Ground
10
RF_OUT
Synthesizer output
29
GND
Ground
11
GND
Ground
30
GND
Ground
12
GND
Ground
31
GND
Ground
13
GND
Ground
32
GND
Ground
14
N/C
No connection
33
N/C
No connection
15
GND
Ground
34
GND
Ground
16
GND
Ground
35
GND
Ground
17
CLK
Serial port clock
36
GND
Ground
18
DATA
Serial port data
37
VDD
+5 V power supply
19
LE
Serial port latch enable
38
GND
Ground


Similar Part No. - SKY73103-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73103-11 SKYWORKS-SKY73103-11_09 Datasheet
244Kb / 22P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
More results

Similar Description - SKY73103-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73103-11 SKYWORKS-SKY73103-11_09 Datasheet
244Kb / 22P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73101 SKYWORKS-SKY73101 Datasheet
158Kb / 13P
   1800-1990 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73121-11 SKYWORKS-SKY73121-11 Datasheet
265Kb / 22P
   1805 - 1890 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112 SKYWORKS-SKY73112 Datasheet
154Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112-11 SKYWORKS-SKY73112-11_09 Datasheet
274Kb / 22P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY72300-362 SKYWORKS-SKY72300-362 Datasheet
179Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73100 SKYWORKS-SKY73100 Datasheet
157Kb / 13P
   865-960 MHz High Performance VCO/Synthesizer With Integrated Switch
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531 NSC-LMX2531 Datasheet
761Kb / 36P
   High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com