Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73033-11 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY73033-11
Description  1700 - 2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73033-11 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY73033-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73033-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73033-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73033-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73033-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73033-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73033-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73033-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73033-11 Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PRELIMINARY DATA SHEET • SKY73033 DOWNCONVERSION MIXER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200635A • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • February 15, 2007
7
S940
Layer 1: Top – Metal
Layer 2: Ground
Layer 3: Power Plane
Layer 4: Solid Ground Plane
Figure 4. SKY73033 Evaluation Board Layer Detail


Similar Part No. - SKY73033-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73033-11 SKYWORKS-SKY73033-11_09 Datasheet
235Kb / 14P
   1700 ??2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
More results

Similar Description - SKY73033-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73033-11 SKYWORKS-SKY73033-11_09 Datasheet
235Kb / 14P
   1700 ??2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73023 SKYWORKS-SKY73023 Datasheet
281Kb / 10P
   1700 -2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73021 SKYWORKS-SKY73021_08 Datasheet
367Kb / 18P
   1700 ??2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73021 SKYWORKS-SKY73021 Datasheet
501Kb / 15P
   1700 - 2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73035 SKYWORKS-SKY73035 Datasheet
413Kb / 10P
   2300 - 2700 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73022-11 SKYWORKS-SKY73022-11 Datasheet
303Kb / 12P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73032 SKYWORKS-SKY73032 Datasheet
431Kb / 11P
   700 - 1000 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73085-11 SKYWORKS-SKY73085-11 Datasheet
1Mb / 16P
   390 - 500 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020 SKYWORKS-SKY73020 Datasheet
509Kb / 17P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020-11 SKYWORKS-SKY73020-11_15 Datasheet
493Kb / 20P
   700 to 1000 MHz High-Gain and High-Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com