Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73023 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY73023
Description  1700 -2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73023 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY73023 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73023 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PRELIMINARY DATA SHEET • SKY73023 DOWNCONVERSION MIXER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
July 26, 2007 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 200634C
Table 3. SKY73023 Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply voltage, +5 V (VCC1 – VCC7)
VCC
4.75
5.00
5.25
V
Supply current
ICC
375
mA
LO input power
PLO
–3
0
+3
dBm
LO select input:
high
low
LO_SELH
LO_SELL
2.2
0.8
V
V
Operating case temperature
TC
–40
+85
°C
RF frequency range
FRF
1700
2200
MHz
LO frequency range (Note 1)
FLO
1460
2000
MHz
IF frequency range
FIF
40
300
MHz
Note 1: The SKY73023 has been optimized for low-side LO injection. However, the LO can be used outside of the specified frequency range with degraded performance.
Table 4. SKY73023 Electrical Specifications
(Voltage Supply = +5 V, TC = +25
°C, LO = 0 dBm, RF Frequency = 1880 MHz, IF Frequency = 200 MHz, LO Frequency = 1680 MHz, Unless
Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Conversion gain
G
8.5
dB
Noise Figure
NF
9.5
dB
Noise Figure with a blocker signal
NFBLK
Blocking signal input
power = +8 dBm
18
dB
Third order input intercept point
IIP3
Tone space = 800 kHz,
input tone power =
–10 dBm
25.5
dBm
Third order output intercept point
OIP3
Tone space = 800 kHz,
input tone power =
–10 dBm
34.0
dBm
2RF – 2LO
2x2
PRF = –10 dBm
–68
dBc
3RF – 3LO
3x3
PRF = –10 dBm
–80
dBc
Input 1 dB compression point
IP1dB
14.0
dBm
Output 1 dB compression point
OP1dB
21.5
dBm
LO1-to-LO2 isolation
45
dB
Channel-to-channel isolation
45
dB
RF-to IF-isolation
55
dB
LO leakage:
@ RF port
@ IF port
–40
–45
dBm
dBm
LO_SEL input
–20
150
250
µA
LO switching time
0.5
µs
RF port input return loss
ZIN_RF
With external matching
components
–14
dB
LO port input return loss
ZIN_LO
With external matching
components
–14
dB
IF port input return loss
ZOUT_IF
With external matching
components
–14
dB


Similar Part No. - SKY73023

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73020 SKYWORKS-SKY73020 Datasheet
509Kb / 17P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020-11 SKYWORKS-SKY73020-11 Datasheet
509Kb / 17P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020-11 SKYWORKS-SKY73020-11_15 Datasheet
493Kb / 20P
   700 to 1000 MHz High-Gain and High-Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73021 SKYWORKS-SKY73021 Datasheet
501Kb / 15P
   1700 - 2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73021-11 SKYWORKS-SKY73021-11 Datasheet
501Kb / 15P
   1700 - 2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
More results

Similar Description - SKY73023

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73021 SKYWORKS-SKY73021_08 Datasheet
367Kb / 18P
   1700 ??2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73021 SKYWORKS-SKY73021 Datasheet
501Kb / 15P
   1700 - 2200 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73033 SKYWORKS-SKY73033 Datasheet
429Kb / 11P
   1700 - 2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73033-11 SKYWORKS-SKY73033-11_09 Datasheet
235Kb / 14P
   1700 ??2200 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73022-11 SKYWORKS-SKY73022-11 Datasheet
303Kb / 12P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Applications
SKY73085-11 SKYWORKS-SKY73085-11 Datasheet
1Mb / 16P
   390 - 500 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020 SKYWORKS-SKY73020 Datasheet
509Kb / 17P
   700 - 1000 MHz High Gain and Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73020-11 SKYWORKS-SKY73020-11_15 Datasheet
493Kb / 20P
   700 to 1000 MHz High-Gain and High-Linearity Diversity Downconversion Mixer for 2G/3G Base Station Transceiver Applications
SKY73035 SKYWORKS-SKY73035 Datasheet
413Kb / 10P
   2300 - 2700 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Applications
SKY73032 SKYWORKS-SKY73032 Datasheet
431Kb / 11P
   700 - 1000 MHz High Gain and Linearity Single Downconversion Mixer for 2G/3G Base Station Transceiver Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com