Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65119-21 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY65119-21
Description  700 - 800 MHz Linear Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65119-21 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY65119-21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65119-21 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65119-21 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65119-21 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65119-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65119-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65119-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65119-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65119-21 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PRELIMINARY DATA SHEET • SKY65119 POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200610A • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • December 7, 2006
3
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY65119 are provided in
Table 2. The recommended operating conditions are specified in
Table 3 and electrical specifications are provided in Table 4.
Typical performance characteristics over temperature of the
SKY65119 are illustrated in Figures 3 through 8.
Figure 13 shows the package dimensions for the 12-pin
SKY65119 MCM and Figure 14 provides the tape and reel
dimensions.
Electrostatic Discharge (ESD) Sensitivity
The SKY65119 is a static-sensitive electronic device. Do not
operate or store near strong electrostatic fields. Take proper ESD
precautions.
Table 2. SKY65119 Absolute Maximum Ratings
Parameter
Symbol
Min
Typical
Max
Units
RF input power
PIN
0
dBm
Supply voltage (VCC1 and VCC2)
VCC
6
V
Case operating temperature
TC
–40
+85
°C
Storage temperature
TST
–55
+125
°C
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal values.
Table 3. SKY65119 Recommended Operating Conditions
Parameter
Symbol
Min
Typical
Max
Units
Supply voltage (VCC1 and VCC2)
VCC
5
V
Operating frequency
FO
700
750
800
MHz
Table 4. SKY65119 Electrical Characteristics
(VCC = 5.0 V, Frequency = 750 MHz, TC = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typical
Max
Units
Analog Inputs
Frequency range
700
750
800
MHz
Quiescent current
IQ
220
245
mA
Small signal gain
G
PIN = –15 dBm
28.5
30.0
31.5
dB
Output power
POUT
PIN = 4 dBm
31.5
32.5
dBm
Efficiency
PAE
PIN = 4 dBm
32
35
%
Noise Figure
NF
4.5
6.0
dB
Output IP3
OIP3
Two tones with 100 kHz
spacing, PIN = –6 dBm per
tone
38
42
dBm
POUT @ ACPR = –45 dBc
POUT_ACPR
f = 750 MHz,
885 kHz offset
24
26
dBm


Similar Part No. - SKY65119-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65111-348LF SKYWORKS-SKY65111-348LF Datasheet
2Mb / 16P
   ISM 600-1100 MHz Band 2 Watt InGaP HBT Power Amplifier
SKY65111-348LF SKYWORKS-SKY65111-348LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY65112-84LF SKYWORKS-SKY65112-84LF Datasheet
756Kb / 11P
   Linear Power Amplifier Driver, 0.5 W 400-2300 MHz
SKY65113-84LF SKYWORKS-SKY65113-84LF Datasheet
749Kb / 11P
   Linear Power Amplifier Driver, 1.0 W 400-2300 MHz
SKY65116 SKYWORKS-SKY65116 Datasheet
2Mb / 14P
   390-500 MHz Linear Power Amplifier
More results

Similar Description - SKY65119-21

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2707-QJ MIMIX-CHV2707-QJ Datasheet
348Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
CHV2707-QJ MIMIX-CHV2707-QJ_07 Datasheet
323Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
logo
Skyworks Solutions Inc.
CX65100 SKYWORKS-CX65100 Datasheet
185Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
logo
List of Unclassifed Man...
CX65104 ETC-CX65104 Datasheet
166Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
logo
Skyworks Solutions Inc.
CX65002 SKYWORKS-CX65002 Datasheet
285Kb / 11P
   700 - 1400 MHz Linear Power Amplifier Driver
SKY65127 SKYWORKS-SKY65127 Datasheet
1Mb / 11P
   700–800 MHz High Linearity 2 W Power Amplifier
February 03, 2009
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_1 Datasheet
1Mb / 171P
   Low Power 700/800/900 MHz
logo
Stealth Microwave, Inc.
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM08096-37 STEALTH_MICROWAVE-SM08096-37 Datasheet
93Kb / 2P
   800-960 MHz 5 Watt Linear Power Amplifier
SM04080-36HS STEALTH_MICROWAVE-SM04080-36HS Datasheet
94Kb / 3P
   400-800 MHz 4 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com