Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65233-11 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SKY65233-11
Description  WLAN 802.11n Single-Band 2.4 GHz 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65233-11 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SKY65233-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65233-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65233-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65233-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65233-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65233-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65233-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65233-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65233-11 Datasheet HTML 10Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DATA SHEET • SKY65233-11
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200607 Rev. D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 7, 2007
9
Package Outline
Pin 1 Indicator
Pin 1
Pin 48
48x SMT Pad
6x 5
6x 2.1
0
4x 1.275
4x 2.975
4x 4.675
20x 6.92
4x 0.425
4x 2.125
4x 3.825
4x 5.525
15x Solder
Mask Openings
Pin 1 Indicator
10 ± 0.1
0.9 ± 0.1
Top View
Bottom View
Skyworks
SKY65233-11
Lot #
YYWWCC
Side View
A
See Detail B
See Detail C
See Detail D
Detail C
Scale: Full
Detail A
Pad Scale: 2X
14X Rotated 180°
10X Rotated 90° CW
10X Rotated 90° CCW
0.5 ± 0.075
Metal
Pad Edge
0.5 ± 0.03
(0.1)
R 0.05 Max.
1.45 ± 0.03
3.05 ± 0.03
Detail D
Scale: Full
2X
Detail B
Scale: Full
12X
R 0.05
Max.
2.2 ± 0.03
2 ± 0.03
R 0.05 Max.
2.2 ± 0.03
1.45 ± 0.03


Similar Part No. - SKY65233-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65230-11 SKYWORKS-SKY65230-11 Datasheet
411Kb / 13P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65234-11 SKYWORKS-SKY65234-11 Datasheet
293Kb / 10P
   WLAN 802.11n Single-Band 4.9-5.85 GHz 2 x 2 MIMO Intera Front-End Module with 3 Antenna Ports
More results

Similar Description - SKY65233-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65230-11 SKYWORKS-SKY65230-11 Datasheet
411Kb / 13P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65234-11 SKYWORKS-SKY65234-11 Datasheet
293Kb / 10P
   WLAN 802.11n Single-Band 4.9-5.85 GHz 2 x 2 MIMO Intera Front-End Module with 3 Antenna Ports
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
   WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
SKY65228-11 SKYWORKS-SKY65228-11 Datasheet
303Kb / 9P
   WLAN 802.11n Single Band 4.9-5.85 GHz MIMO Intera Front-End Module
SKY85331-11 SKYWORKS-SKY85331-11 Datasheet
169Kb / 2P
   2 GHz WLAN Front-End Module
SKY65206-13 SKYWORKS-SKY65206-13_09 Datasheet
1Mb / 12P
   WLAN 802.11b/g Intera Front-End Module
logo
TriQuint Semiconductor
TQP887052 TRIQUINT-TQP887052_15 Datasheet
199Kb / 1P
   802.11ac, 802.11n WLAN Front End Module
logo
Skyworks Solutions Inc.
SKY65206-13 SKYWORKS-SKY65206-13 Datasheet
371Kb / 7P
   WLAN 802.11b/g Intera??Front-End Module
SKY65249-11 SKYWORKS-SKY65249-11 Datasheet
365Kb / 10P
   WLAN 802.11b, g, n Intera Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com