Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH6630 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # MCH6630
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6630 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  MCH6630 Datasheet HTML 1Page - Sanyo Semicon Device MCH6630 Datasheet HTML 2Page - Sanyo Semicon Device MCH6630 Datasheet HTML 3Page - Sanyo Semicon Device MCH6630 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCH6630
No.8240-4/4
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be exported without obtaining the export license from the authorities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of March, 2005. Specifications and information herein are subject
to change without notice.
PS
Note on usage : Since the MCH6630 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.
0
0
20
40
60
80
100
120
0.2
0.4
0.6
0.8
1.0
140
160
PD -- Ta
IT09246
A S O
2
3
5
7
2
3
5
7
2
5
3
1.0
0.1
0.01
1.0
23
5
7
0.1
23
5
7
10
25
3
IT09245
Operation in this
area is limited by RDS(on).
100
µ
s
100ms
1ms
10ms
<10
µs
DC
operation
IDP=2.8A
ID=0.7A
Drain-to-Source Voltage, VDS -- V
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2!0.8mm) 1unit
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board
(900mm
2!
0.8mm)
1unit
IT07520
IT07521
RDS(on) -- ID
3
5
7
1.0
2
3
23
5
7
2
3
5
7
0.01
0.1
1.0
Ta=
75
°C
--25
°C
25
°C
VGS=2.5V
RDS(on) -- ID
5
7
2
3
1.0
5
7
23
5
7
23
0.01
0.1
VGS=1.5V
Ta=75
°C
--25°C
25
°C
Drain Current, ID -- A
Drain Current, ID -- A


Similar Part No. - MCH6630

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6631 SANYO-MCH6631 Datasheet
72Kb / 6P
   MOS SILICON TRANSISTOR
MCH6632 SANYO-MCH6632 Datasheet
79Kb / 6P
   MCH6632
MCH6635 SANYO-MCH6635 Datasheet
40Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - MCH6630

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com