Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH6628 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # MCH6628
Description  General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6628 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  MCH6628 Datasheet HTML 1Page - Sanyo Semicon Device MCH6628 Datasheet HTML 2Page - Sanyo Semicon Device MCH6628 Datasheet HTML 3Page - Sanyo Semicon Device MCH6628 Datasheet HTML 4Page - Sanyo Semicon Device MCH6628 Datasheet HTML 5Page - Sanyo Semicon Device MCH6628 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MCH6628
No.7919-4/6
0.01
0.6
0.5
0.8
0.7
0.9
1.0
1.1
1.2
0.1
1.0
7
5
3
2
7
5
3
2
Diode Forward Voltage, VSD -- V
VGS=0
IF -- VSD
0
2468
10
12
14
16
18
20
1.0
10
7
5
3
2
7
5
3
2
100
Drain-to-Source Voltage, VDS -- V
Ciss
Coss
Crss
f=1MHz
Ciss, Coss, Crss -- VDS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1
2
3
4
5
6
7
8
9
10
Total Gate Charge, Qg -- nC
VGS -- Qg
VDS=10V
ID=150mA
0.01
10
0.1
23
5
7
2
1000
100
7
5
3
2
7
5
3
2
Drain Current, ID -- A
SW Time -- ID
VDD=15V
VGS=4V
td(on)
tr
tf
td(off)
IT00037
IT00038
IT00039
IT00040
[Nch]
[Nch]
[Pch]
[Pch]
[Nch]
[Nch]
2
3
2
3
5
7
2
3
5
7
1.0
0.1
0.01
A S O
Drain-to-Source Voltage, VDS -- V
23
5
7
2
3
5
1.0
10
IT02877
Ta=25
°C
Single pulse
Mounted on a ceramic board(900mm2!0.8mm)1unit
ID=0.35A
IDP=1.4A
100ms
DC
operation
10ms
1ms
100
µs
Operation in
this area is
limited by RDS(on).
[Nch]
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
0
0
--0.2
--0.4
--0.8
--1.0
--0.2
--0.6
--0.1
--0.3
--0.7
--0.9
--0.5
0
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT03368
0
0.5
1.0
1.5
2.0
2.5
3.0
Gate-to-Source Voltage, VGS -- V
ID -- VGS
VDS= --10V
IT03369
--2.0V
VGS= --1.5V


Similar Part No. - MCH6628

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6622 SANYO-MCH6622 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6626 SANYO-MCH6626 Datasheet
51Kb / 6P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
MCH6626 ONSEMI-MCH6626 Datasheet
111Kb / 6P
   General-Purpose Switching Device Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
MCH6627 SANYO-MCH6627 Datasheet
66Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
MCH6629 SANYO-MCH6629 Datasheet
58Kb / 5P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - MCH6628

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com