Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65228-11 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY65228-11
Description  WLAN 802.11n Single Band 4.9-5.85 GHz MIMO Intera Front-End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65228-11 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY65228-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65228-11 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
May 14, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200557 Rev. B
DATA SHEET • SKY65228-11
4
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Frequency range
F
4.9
5.85
GHz
Power detect range
PDR
A0 or A1
0
20
dBm
Power detector accuracy
PDacc5
Over 3:1 VSWR
0.7
dB
DC load impedance
Zload
3k
Output voltage, no RF
0.90
V
Output voltage, 18 dBm
0.35
V
Power detector -3 dB corner frequency
LPF-3 dB
10 k
Ω load
270
300
400
kHz
802.11a Power Detector Specification
Conditions: VCC = 3.3 V, TOP = 25 ºC. PU0a and Tx0ag or PU1a and Tx1ag = 3.3 V. RX0ag or RX1ag = 0 V. Measurements
made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50
Ω unless otherwise specified.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Frequency range
F
4.9
5.85
GHz
Linear output power - a
Plin_a
54 Mbps OFDM, 64 QAM, EVM = 2.5 %
16
dBm
Backed off EVM
BEVM
54 Mbps OFDM, 64 QAM, Pin = 7dBm
1.5
%
1 dB compression point
P1 dB
21.5
24
dBm
Small signal gain
lS21l
24
dB
Smal signal gain variation over any 20 MHz band
l
∆S21l
0.5
dB
Gain matching, T0g to A0 vs. T1g to A1
lS21l - M
Compared frequency by frequency
2
dB
Gain, 3.2–3.9 GHz
lS21l - 3.9
0
dB
Harmonics
2f, 3f
POUT = 18 dBm, 1 Mbps, CCK, 802.11b
-50
-42
dBm/MHz
Tx switching time
t_sw
50 % of VCTL to 90/10 % RF output
500
ns
power level
Input return loss
lS11l
T0a or T1a
-6
dB
Output return loss
lS22l
A0 or A1
-10
dB
Isolation between T0g and A1
ISO-A1
CW power into T0a and measure ratio
-25
dBc
of power at A0 to A1
Isolation between T1g and A0
ISO-A0
CW power into T1a and measure ratio
-25
dBc
of power at A1 to A0
Stability
STAB
POUT < 18 dBm, load VSWR = 3:1
All non-harmonically related outputs
less than -50 dBc/1 MHz
802.11a Transmit Specifications (Tx Chain 0, Tx Chain 1)
Conditions: VCC = 3.3 V, TOP = 25 ºC. PA enables and control voltages set according to Mode Control Voltage table.
Measurements made on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50
Ω unless
otherwise specified.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Frequency range
F
4.9
5.85
GHz
Insertion loss
lS21l
2.5
3
dB
Input return loss
lS11l
R0g or R1g
-20
dB
Output return loss
lS22l
A0 or A1
-15
dB
Insertion loss delta
l
∆S21l
A0 to R0g and A1 to R1g
0.5
dB
802.11a Receive Specifications (Rx Chain 0, Rx Chain 1)
Conditions: VCC = 3.3 V, TOP = 25 ºC. PA enables & Tx control voltages = 0 V. Rx0ag or Rx1ag = 3.3 V. Measurements made
on Skyworks EVB with all losses de-embedded. All unused ports terminated into 50
Ω unless otherwise specified.


Similar Part No. - SKY65228-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
   WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
More results

Similar Description - SKY65228-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
   WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
SKY65234-11 SKYWORKS-SKY65234-11 Datasheet
293Kb / 10P
   WLAN 802.11n Single-Band 4.9-5.85 GHz 2 x 2 MIMO Intera Front-End Module with 3 Antenna Ports
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
SKY65233-11 SKYWORKS-SKY65233-11 Datasheet
291Kb / 10P
   WLAN 802.11n Single-Band 2.4 GHz 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65230-11 SKYWORKS-SKY65230-11 Datasheet
411Kb / 13P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65206-13 SKYWORKS-SKY65206-13_09 Datasheet
1Mb / 12P
   WLAN 802.11b/g Intera Front-End Module
logo
TriQuint Semiconductor
TQP887052 TRIQUINT-TQP887052_15 Datasheet
199Kb / 1P
   802.11ac, 802.11n WLAN Front End Module
logo
Skyworks Solutions Inc.
SKY65206-13 SKYWORKS-SKY65206-13 Datasheet
371Kb / 7P
   WLAN 802.11b/g Intera??Front-End Module
SKY65249-11 SKYWORKS-SKY65249-11 Datasheet
365Kb / 10P
   WLAN 802.11b, g, n Intera Front-End Module
logo
Qorvo, Inc
RFFM8506 QORVO-RFFM8506 Datasheet
591Kb / 10P
   4.9 GHz to 5.85 GHz 802.11a/n/ac WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com