Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD16-73LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # PD16-73LF
Description  Two-Way Power Splitter Combiner 1.42-1.66 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

PD16-73LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  PD16-73LF Datasheet HTML 1Page - Skyworks Solutions Inc. PD16-73LF Datasheet HTML 2Page - Skyworks Solutions Inc. PD16-73LF Datasheet HTML 3Page - Skyworks Solutions Inc. PD16-73LF Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
June 8, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200516 Rev. A
DATA SHEET • PD16-73LF
2
-4.0
-3.5
-3.0
-2.5
-2.0
Insertion Loss vs. Frequency
Port 1
Port 2
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Frequency (GHz)
-50
-40
-30
-20
-10
0
Isolation vs. Frequency
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Frequency (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
Output VSWR vs. Frequency
Port 1
Port 2
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Frequency (GHz)
-0.1
-0.05
0
0.05
0.10
Amp. Balance vs. Frequency
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Frequency (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
Input VSWR vs. Frequency
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Frequency (GHz)
Phase Balance vs. Frequency
-2.0
-1.5
-1.0
-0.5
0
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Frequency (GHz)
Typical Performance Data


Similar Part No. - PD16-73LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
PD16-73 ALPHA-PD16-73 Datasheet
355Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.42-1.66 GHz
More results

Similar Description - PD16-73LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
PD15-73 ALPHA-PD15-73 Datasheet
53Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.42-1.66 GHz
PD16-73 ALPHA-PD16-73 Datasheet
355Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.42-1.66 GHz
logo
Skyworks Solutions Inc.
PD15-73 SKYWORKS-PD15-73 Datasheet
163Kb / 4P
   Two-Way 0째 Power Splitter/Combiner 1.42-1.66 GHz
logo
Alpha Industries
PD15-12 ALPHA-PD15-12 Datasheet
45Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.42-1.66 GHz
logo
Skyworks Solutions Inc.
PD19-73LF SKYWORKS-PD19-73LF Datasheet
177Kb / 4P
   Two-Way Power Splitter/Combiner 1.71-1.99 GHz
logo
Alpha Industries
PD09-12 ALPHA-PD09-12 Datasheet
45Kb / 3P
   Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD18-73 ALPHA-PD18-73 Datasheet
53Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
PD09-73 ALPHA-PD09-73 Datasheet
53Kb / 3P
   Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD19-73 ALPHA-PD19-73 Datasheet
339Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
PD18-12 ALPHA-PD18-12 Datasheet
45Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com