Part Name
         Description
MCH3321

 P-Channel Silicon MOSFET General-Purpose Switching Device Applications ( 4 Page)


SANYO
100% 
Zoom Out Zoom In
   
 2 page
background image
MCH3321
No.7993-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=--50V, VGS=--10V, ID=--0.5A
4.8
nC
Gate-to-Source Charge
Qgs
VDS=--50V, VGS=--10V, ID=--0.5A
0.8
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--50V, VGS=--10V, ID=--0.5A
0.8
nC
Diode Forward Voltage
VSD
IS=--0.5A, VGS=0
--0.87
--1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm
2167A
1 : Gate
2 : Source
3 : Drain
SANYO : MCPH3
2.0
0.65
0.3
0.15
1
2
3
12
3
(Bottom view)
(Top view)
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID= --250mA
RL=200Ω
VDD= --50V
VOUT
MCH3321
VIN
0V
--10V
VIN
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
RDS(on) -- Ta
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
--0.2
--0.1
--0.3
--0.4
--0.5
--0.7
--0.6
--0.8
--0.9
--1.0
0
--2
--4
--8
--10
--12
--6
--14
--16
--18
--20
IT07469
0
1.5
2.0
2.5
3.0
3.5
4.0
1.0
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
IT07468
VDS= --10V
Ta=25
°C
ID= --0.25A
0
0
--0.05
--0.10
--0.15
--0.50
--0.30
--0.8
--0.6
--0.20
--0.25
--0.35
--0.40
--0.45
--1.6
--1.2
--1.0
--1.4
--1.8
--2.0
--0.4
--0.2
IT07467
VGS= --2.0V
--2.5V
--60
--40
--20
0
20
40
60
80
100
120
160
140
IT07470
1.5
1.0
2.0
2.5
3.0
3.5
4.0
0.5
I D
= -
-0.25A,
V GS
= -
-10V
I D
= -
-0.25A,
V GS
= -
-4V



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3HP04MHP-Channel Silicon MOSFET General-Purpose Switching Device Applications 1 2 3 4 Sanyo Semicon Device
MCH3315P-Channel Silicon MOSFET General-Purpose Switching Device Applications 1 2 3 4 Sanyo Semicon Device
MCH3316P-Channel Silicon MOSFET General-Purpose Switching Device Applications 1 2 3 4 Sanyo Semicon Device
6LP04MHP-Channel Silicon MOSFET General-Purpose Switching Device Applications 1 2 3 4 Sanyo Semicon Device
MCH3320P-Channel Silicon MOSFET General-Purpose Switching Device Applications 1 2 3 4 Sanyo Semicon Device
CPH5846MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device 1 2 3 4 5 MoreSanyo Semicon Device
ECH8617P-Channel Silicon MOSFET General-Purpose Switching Device 1 2 3 4 Sanyo Semicon Device
CPH6332P-Channel Silicon MOSFET General-Purpose Switching Device 1 2 3 4 Sanyo Semicon Device
2SJ659P-Channel Silicon MOSFET General-Purpose Switching Device 1 2 3 4 Sanyo Semicon Device
2SK3979N-Channel Silicon MOSFET General-Purpose Switching Device Applications 1 2 3 4 Sanyo Semicon Device

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl