Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UXB02070F1BRP00 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # UXB02070F1BRP00
Description  High Precision Leaded Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UXB02070F1BRP00 Datasheet(HTML) 5 Page - Vishay Siliconix

  UXB02070F1BRP00 Datasheet HTML 1Page - Vishay Siliconix UXB02070F1BRP00 Datasheet HTML 2Page - Vishay Siliconix UXB02070F1BRP00 Datasheet HTML 3Page - Vishay Siliconix UXB02070F1BRP00 Datasheet HTML 4Page - Vishay Siliconix UXB02070F1BRP00 Datasheet HTML 5Page - Vishay Siliconix UXB02070F1BRP00 Datasheet HTML 6Page - Vishay Siliconix UXB02070F1BRP00 Datasheet HTML 7Page - Vishay Siliconix UXB02070F1BRP00 Datasheet HTML 8Page - Vishay Siliconix UXB02070F1BRP00 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.vishay.com
For technical questions, contact: ff3cresistors@vishay.com
Document Number: 28726
88
Revision: 21-Aug-07
UXA 0204, UXB 0207, UXE 0414
Vishay Beyschlag
High Precision Leaded Resistors
FUNCTIONAL DESCRIPTION
UXE 0414
UXA 0204
UXB 0207
Ambient Temperature amb
ϑ
C
100
150
-50
50
0
0.1
0.2
W
0
85
Specification of TCR 02 is valid from 0 °C to 60 °C.
Derating - Precision Operation
UXE 0414
UXA 0204
UXB 0207
0
0.1
0
20
40
K
0.2
0.3
0.4
0.5
0.6
0.7
0.8
W
Load
P
60
Rise of the surface temperature.
Temperature Rise
UXE 0414
UXA 0204
UXB 0207
Ambient Temperature
R
1 k
Ω
0.01
0.1
1
uV/V
10 k
Ω
100 k
Ω
1 M
Ω
Current Noise
A1 In Accordance With IEC 60 195


Similar Part No. - UXB02070F1BRP00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UXB2-7 ETC2-UXB2-7 Datasheet
588Kb / 1P
   4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
More results

Similar Description - UXB02070F1BRP00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
   High Precision Metal Film Leaded Resistors
logo
Tyco Electronics
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFD ETC2-MFD Datasheet
658Kb / 1P
   HIGH PRECISION metal Film Leaded Resistors
logo
Vishay Siliconix
MPR24 VISHAY-MPR24_15 Datasheet
120Kb / 7P
   High Precision Thin Film Leaded Resistors
Revision: 06-Oct-09
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
   Ultra Precision Leaded Resistors
Revision: 08-Mar-04
logo
Tyco Electronics
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
   Axial Leaded Precision Resistors
H8100RBYB MACOM-H8100RBYB Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
1773230 MACOM-1773230 Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com