Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73013-306 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY73013-306
Description  Direct Quadrature Demodulator 4.9-5.925 GHz Featuring No-Pull LO Architecture
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73013-306 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY73013-306 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY73013-306 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73013-306 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73013-306 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73013-306 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73013-306 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73013-306 Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
August 18, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200508 Rev. B
PRELIMINARY DATA SHEET • SKY73013-306
4
Pin #
Name
Description
1RBIAS
Bias resistor. Nominal value = 1.2 k, 1%
2
LNA+
RF input +
3
LNA1
RF input -
4
GND
Ground
5VCC
Supply voltage
6
Q+
BB/IF Q+ output
7
Q-
BB/IF Q- output
8
CTR1
Debug pin; connect to ground
9
CTR2
Debug pin; connect to ground
10
LO+
Local oscillator input +
11
LO-
Local oscillator input -
12
N/C
No connection
13
I+
BB/IF I+ output
14
I-
BB/IF I- output
15
GainC
Gain control; LNA is ON with VCC applied to
this pin, off when grounded
16
EN
Chip enable; chip is enabled with VCC applied
to this pin and disabled when this pin is
grounded
Paddle
Must be connected via lowest possible
impedance to ground for proper electrical
and thermal performance
Pin Descriptions
13
16
15
14
12
11
10
9
7
6
5
1
2
3
4
8
EN
Gain
C
I-
I+
RBIAS
LNA+
LNA-
GND
VCC
Q+
Q-
CTR
CTR2
LO+
LO-
N/C
Pin Out
RF+
RF-
LO+
LO-
VCC
VGC (LNA On/Off)
IF Outputs:
[I-, I+, Q+, Q-]
Op-Amp
IF Outputs:
[I-, I+, Q+, Q-]
High Gain Op-Amps to
Observe very Small
Signals on an Oscilloscope
Op-Amp Power Header
[+5 V, +1.5 V, GND, -5 V]
Evaluation Circuit PCB
Characteristic
Value
RF Input Power
0 dBm
Supply voltage
4.5 V
Supply current
60 mA
LO input power
0 dBm
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +85 °C
Absolute Maximum Ratings
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
Evaluation Board
The SKY73013 Evaluation Board is used to test the performance
of the SKY73013 Direct Quadrature Demodulator. The evaluation
board BOM is as shown in the table below.
The evaluation board for SKY73013 allows the part to be fully
exercised. The board is populated with several components
which are not required for normal operation but facilitate special
testing of the SKY73013, such as two high gain, differential
baseband amplifiers which are well-suited for differential-to-
single-ended conversion, and are included for noise figure
measurements.
The evaluation board requires a power supply voltage of 3.3 V
nominal, that is capable of sourcing 50 mA.


Similar Part No. - SKY73013-306

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
SKY73010-11 SKYWORKS-SKY73010-11 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
SKY73012 SKYWORKS-SKY73012 Datasheet
893Kb / 25P
   400 - 3900 MHz Direct Quadrature Demodulator
SKY73012-11 SKYWORKS-SKY73012-11 Datasheet
900Kb / 25P
   SKY73012 400 ??3900 MHz Direct Quadrature Demodulator
More results

Similar Description - SKY73013-306

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8347 AD-AD8347 Datasheet
750Kb / 20P
   0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV. 0
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
logo
SIRENZA MICRODEVICES
SRQ-2116Z SIRENZA-SRQ-2116Z Datasheet
196Kb / 16P
   700-3800 MHz Direct Quadrature Demodulator
logo
Skyworks Solutions Inc.
SKY73012 SKYWORKS-SKY73012 Datasheet
893Kb / 25P
   400 - 3900 MHz Direct Quadrature Demodulator
SKY73009 SKYWORKS-SKY73009 Datasheet
619Kb / 22P
   400 -3000 MHz Direct Quadrature Demodulator
logo
Linear Technology
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
logo
Skyworks Solutions Inc.
SKY73012-11 SKYWORKS-SKY73012-11 Datasheet
900Kb / 25P
   SKY73012 400 ??3900 MHz Direct Quadrature Demodulator
logo
Linear Technology
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
   1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com