Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBMH4525HM162N-T Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # FBMH4525HM162N-T
Description  InGaP General Purpose Amplifier LF-6 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

FBMH4525HM162N-T Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  FBMH4525HM162N-T Datasheet HTML 1Page - Skyworks Solutions Inc. FBMH4525HM162N-T Datasheet HTML 2Page - Skyworks Solutions Inc. FBMH4525HM162N-T Datasheet HTML 3Page - Skyworks Solutions Inc. FBMH4525HM162N-T Datasheet HTML 4Page - Skyworks Solutions Inc. FBMH4525HM162N-T Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
April 7, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200398 Rev. C
DATA SHEET • SKY65014-214LF
4
Evaluation Board
Input
Output
R1
L1
C1
C4
C2
VD
VS
IS
L3
L2
The SKY65014 evaluation board comprises the SKY65014
amplifier, the input and output of which are connected via 50
microstrip transmission lines with DC blocking capacitors, C1 and
C2, to the input and output SMA connectors, respectively.
The positive supply voltage, VS, is connected to pin 3, RF output
of the amplifier via the decoupling network which consists of C4,
L1,L2 and R1. The power supply current, IS, must be limited,
either via the current limit function of an external bench power
supply, or by replacing L3 with resistor R1, the value of which is
given in the Current Limiting Resistor Values Table. The evaluation
board is shipped with L3 in place, which shifts an in-band series
resonance of the supply decoupling network out of band. For low
frequency applications, R1 may be used to conveniently limit
supply current on the evaluation board.
The evaluation board also contains a probe fixture which
facilitates the direct measurement of the s parameters of the
SKY65014. The probe fixture comprises a very short coplanar
waveguide (CPW) transmission line to pin 3 and an identical line
to pin 1. All other pins of the amplifier are grounded. The CPW
transmission lines are compatible with ground-signal-ground
wafer probe tips, which can be connected to the RF ports of a
vector network analyzer (VNA) via coaxial cables. The very small
electrical length of these CPW transmission lines obviates the
need to de-embed their effects from the s parameters that are
measured. The supply constant current must be applied via the
bias tee, which is typically integrated into the VNA, which is
cascade with the output pin of the amplifier.
R1
Minimum Power
VS, V
Resistance,
Dissipation Rating, mW
5
4
125
6
19
125
7
33
250
8
47
500
9
61
500
10
76
500
12
104
1000
Current Limiting Resistor Values
Component
Description
Value
Size
Suggested Part Number
Comments
C1,C2,C4
Capacitor
47 nF
0603
L1
Inductor
33 nH
0603
L2
Ferrite bead
FBMH4525HM162N-T
R1
Resistor
See Current Limiting
0603
For VS = 6 V
Resistor Values Table
U1
Amplifier
SKY65014
Evaluation Board Parts List


Similar Part No. - FBMH4525HM162N-T

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
FBMH4525HM162N-T SKYWORKS-FBMH4525HM162N-T Datasheet
280Kb / 5P
   InGaP Cascadable Amplifier LF-3 GHz
FBMH4525HM162N-T SKYWORKS-FBMH4525HM162N-T Datasheet
287Kb / 5P
   InGaP Cascadable Amplifier LF-7 GHz
FBMH4525HM162N-T SKYWORKS-FBMH4525HM162N-T Datasheet
334Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
FBMH4525HM162N-T SKYWORKS-FBMH4525HM162N-T Datasheet
341Kb / 5P
   InGaP General-Purpose Amplifier LF-3 GHz
FBMH4525HM162N-T SKYWORKS-FBMH4525HM162N-T Datasheet
271Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
More results

Similar Description - FBMH4525HM162N-T

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65013-214LF SKYWORKS-SKY65013-214LF Datasheet
343Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65015-214LF SKYWORKS-SKY65015-214LF Datasheet
334Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65016-214LF SKYWORKS-SKY65016-214LF Datasheet
341Kb / 5P
   InGaP General-Purpose Amplifier LF-3 GHz
SKY65017-70LF SKYWORKS-SKY65017-70LF Datasheet
271Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65015-70LF SKYWORKS-SKY65015-70LF Datasheet
294Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65016-70LF SKYWORKS-SKY65016-70LF Datasheet
280Kb / 5P
   InGaP Cascadable Amplifier LF-3 GHz
SKY65013-70LF SKYWORKS-SKY65013-70LF Datasheet
287Kb / 5P
   InGaP Cascadable Amplifier LF-7 GHz
SKY65014-92LF SKYWORKS-SKY65014-92LF Datasheet
417Kb / 5P
   InGaP Cascadable Amplifier LF-9 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-5618 HP-AMMP-5618 Datasheet
241Kb / 9P
   6-20 GHz General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com