Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73100-11 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SKY73100-11
Description  865-960 MHz High Performance VCO/Synthesizer With Integrated Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73100-11 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SKY73100-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 11Page - Skyworks Solutions Inc. SKY73100-11 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PRELIMINARY DATA SHEET • SKY73100 VCO/SYNTHESIZER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
June 20, 2007 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • 200361A
Table 5. SKY73100 Electrical Characteristics (Note 1)
(VCC = 5 V, TC = 25 °C, Charge Pump Current = 600
µA, FREF = 52 MHz, Reference Input Divider = 8, Prescale Divider = 8/9, Unless
Otherwise Noted)
Parameter
Symbol
Test Conditions
Min
Typical
Max
Units
Oscillation frequency
865
960
MHz
Reference frequency
13
52
MHz
Phase detector frequency
6.5
MHz
PLL loop bandwidth
25
kHz
Output level
0
dBm
Output impedance
50
Output VSWR
*** TBD ***
Reference frequency input (FREF)
impedance
470
Harmonic suppression
–20
dBc
Integrated phase noise
100 Hz to 100 kHz
1
degrees RMS
Single sideband phase noise offset:
@ 1 kHz
@ 5 kHz
@ 10 kHz
@ 200 kHz
@ 400 kHz
@ 600 kHz
@ 800 kHz
@ 1.8 MHz
@6 MHz
–91
–90
–90
–127
–140
–145
–148
–153
–165
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
PLL-reference spurious suppression
–100
dBc
Frequency settling time
Within
±2 kHz
250
µs
Phase settling time
Within
±5 deg
300
530
µs
Peak phase error
5
degrees
Current consumption
120
mA
Note 1: Characterized performance may change if the SKY73100 is configured differently than the test conditions specified here. This characterization used a 6.5 MHz fixed comparison
frequency for the PLL phase loop filter. The PLL synthesizer is programmable up to a maximum comparison frequency of 26 MHz but with degraded performance.
Table 6. SKY73100 Spur Suppression Measurements
(VCC = 5 V, TC = 25 °C, Charge Pump Current = 600
µA, FREF = 52 MHz, Reference Input Divider = 8, Prescale Divider = 8/9)
Frequency (MHz)
Spurious Power (kHz)
869
881.5
894
920
940
960
≥ 200
No spur
No spur
No spur
No spur
No spur
No spur
≥ 400
No spur
No spur
No spur
No spur
No spur
No spur
≥ 600
No spur
No spur
No spur
No spur
No spur
No spur
≥ 800
No spur
No spur
No spur
No spur
No spur
No spur
≥ 1000
No spur
2272.95 kHz,
–100 dBc
2575.45 kHz,
–105 dBc
2232.74 kHz,
–106 dBc
No spur
No spur
≥ 3000
3366.14 kHz,
–107 dBc
No spur
No spur
3615.26 kHz,
–107 dBc
9649.31 kHz,
–105 dBc
8669.31 kHz,
–106 dBc
No spur


Similar Part No. - SKY73100-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73100-11 SKYWORKS-SKY73100-11_09 Datasheet
980Kb / 21P
   865-960 MHz High Performance VCO/Synthesizer
More results

Similar Description - SKY73100-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73100-11 SKYWORKS-SKY73100-11_09 Datasheet
980Kb / 21P
   865-960 MHz High Performance VCO/Synthesizer
SKY73101 SKYWORKS-SKY73101 Datasheet
158Kb / 13P
   1800-1990 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73121-11 SKYWORKS-SKY73121-11 Datasheet
265Kb / 22P
   1805 - 1890 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112 SKYWORKS-SKY73112 Datasheet
154Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73103 SKYWORKS-SKY73103 Datasheet
172Kb / 18P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112-11 SKYWORKS-SKY73112-11_09 Datasheet
274Kb / 22P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73103-11 SKYWORKS-SKY73103-11_09 Datasheet
244Kb / 22P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY72300-362 SKYWORKS-SKY72300-362 Datasheet
179Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com