Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L1622 Datasheet(PDF) 2 Page - Macronix International

Part # MX23L1622
Description  16M-BIT MASK ROM (16/32 BIT OUTPUT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L1622 Datasheet(HTML) 2 Page - Macronix International

  MX23L1622 Datasheet HTML 1Page - Macronix International MX23L1622 Datasheet HTML 2Page - Macronix International MX23L1622 Datasheet HTML 3Page - Macronix International MX23L1622 Datasheet HTML 4Page - Macronix International MX23L1622 Datasheet HTML 5Page - Macronix International MX23L1622 Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
P/N:PM0400
REV. 1.9, FEB. 01, 1999
MX23L1622
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Ratings
Voltage on any Pin Relative to VSS
VIN
-1.3V to VCC+2.0V (Note)
Ambient Operating Temperature
Topr
0°C to 70°C
Storage Temperature
Tstg
-65°C to 125°C
Note: Minimum DC voltage on input or I/O pins is -0.5V.
During voltage transitions, inputs may undershoot VSS
to -1.3V for periods of up to 20ns. Maximum DC volt-
age on input or I/O pins is VCC+0.5V. During voltage
transitions, input may overshoot VCC to VCC+2.0V for
periods of up to 20ns.
DC CHARACTERISTICS (Ta = 0°C ~ 70°C, VCC = 3.3V±10%)
Item
Symbol
MIN.
MAX.
Conditions
Output High Voltage
VOH
2.4V
-
IOH = -0.4mA
Output Low Voltage
VOL
-
0.4V
IOL = 1.6mA
Input High Voltage
VIH
2.2V
VCC+0.3V
Input Low Voltage
VIL
-0.3V
0.8V
Input Leakage Current
ILI
-
5uA
0V, VCC
Output Leakage Current
ILO
-
5uA
0V, VCC
Operating Current
ICC1
-
60mA
tRC = 100ns, all output open
Standby Current (TTL)
ISTB1
-
1mA
CE = VIH
Standby Current (CMOS)
ISTB2
-
50uA
CE>VCC-0.2V
Input Capacitance
CIN
-
10pF
Ta = 25°C, f = 1MHZ
Output Capacitance
COUT
-
10pF
Ta = 25°C, f = 1MHZ
Address
Buffer
Memory
Array
Page
Buffer
Page
Decoder
Double
Word/
Word
Output
Buffer
D0
D31/(D15)
A3
A18
A0/(A-1)
A2
CE
WORD
OE
INDEX


Similar Part No. - MX23L1622

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-10 MCNIX-MX23L1610MC-10 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-10G MCNIX-MX23L1610MC-10G Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-12 MCNIX-MX23L1610MC-12 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-12G MCNIX-MX23L1610MC-12G Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
More results

Similar Description - MX23L1622

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
   32M-BIT MASK ROM (16/32 BIT OUTPUT)
MX23L1612 MCNIX-MX23L1612 Datasheet
157Kb / 6P
   16M-BIT MASK ROM
MX23L1613 MCNIX-MX23L1613 Datasheet
182Kb / 6P
   16M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR016 SONIX-SNR016 Datasheet
179Kb / 9P
   16M-bit Mask ROM
logo
Macronix International
MX23L1614 MCNIX-MX23L1614 Datasheet
307Kb / 8P
   16M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L1600D GENERALPLUS-GPR23L1600D Datasheet
331Kb / 10P
   16M-Bit Mask ROM
logo
Macronix International
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211 MCNIX-MX23L3211 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com