Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP147-320 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # AP147-320
Description  ISM 900 MHz Band 2-Watt InGaP HBT Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AP147-320 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button AP147-320 Datasheet HTML 3Page - Skyworks Solutions Inc. AP147-320 Datasheet HTML 4Page - Skyworks Solutions Inc. AP147-320 Datasheet HTML 5Page - Skyworks Solutions Inc. AP147-320 Datasheet HTML 6Page - Skyworks Solutions Inc. AP147-320 Datasheet HTML 7Page - Skyworks Solutions Inc. AP147-320 Datasheet HTML 8Page - Skyworks Solutions Inc. AP147-320 Datasheet HTML 9Page - Skyworks Solutions Inc. AP147-320 Datasheet HTML 10Page - Skyworks Solutions Inc. AP147-320 Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PRELIMINARY DATA SHEET • AP147-320
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
August 9, 2006 • Skyworks Proprietary Information. • Products and product information are subject to change without notice. • 200293 Rev. F
8
RF In
VCC1
VCC2
AP147-320
C2
R1
C1
C30
C32
C23
C13
C12
C24
C31
C25
C26
C27
C28
C29
C17
C22
C21
C20
C19
C18
C8
L1
C9
C10
C11
C7
VCC3
RF Out
VREF
1
2
3
4
56
7
8
9
10
11
12
13
14
15
16
VAPC2
VAPC1
Application Circuit
Component Placement Diagram
Coplanar spacing: 0.026 inches.
Transmission line width: 0.025 inches.


Similar Part No. - AP147-320

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
AP14 KNOWLES-AP14 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Asahi Kasei Microsystem...
AP1400 AKM-AP1400 Datasheet
381Kb / 5P
   2 cell, Multi-channel System Power Control IC
logo
Advanced Power Electron...
AP1430GEU6-HF A-POWER-AP1430GEU6-HF Datasheet
67Kb / 4P
   Simple Gate Drive, Small Package Outline, Embedded Protection Diode
AP1430GEU6-HF A-POWER-AP1430GEU6-HF_14 Datasheet
67Kb / 4P
   Simple Gate Drive
AP1430GEU6-HF A-POWER-AP1430GEU6-HF_16 Datasheet
68Kb / 5P
   Embedded Protection Diode
More results

Similar Description - AP147-320

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65111-348LF SKYWORKS-SKY65111-348LF Datasheet
2Mb / 16P
   ISM 600-1100 MHz Band 2 Watt InGaP HBT Power Amplifier
logo
TriQuint Semiconductor
TQP2420G TRIQUINT-TQP2420G Datasheet
524Kb / 13P
   2.4GHz ISM Band InGaP HBT Power Amplifier
TQP2420B TRIQUINT-TQP2420B Datasheet
479Kb / 10P
   2.4GHz ISM Band InGaP HBT Power Amplifier
TQP777002 TRIQUINT-TQP777002 Datasheet
225Kb / 10P
   2.4GHz ISM Band InGaP HBT Matched Power Amplifier
logo
Aeroflex Circuit Techno...
MMA709 AEROFLEX-MMA709 Datasheet
622Kb / 4P
   2 Watt InGaP HBT Amplifier
logo
Analog Devices
HMC452ST89 AD-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER
HMC453QS16G AD-HMC453QS16G Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER
HMC453ST89 AD-HMC453ST89 Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER
HMC452QS16G AD-HMC452QS16G Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER
HMC457QS16G AD-HMC457QS16G Datasheet
523Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com