Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UXB02070G0ARP00 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UXB02070G0ARP00
Description  High Precision Leaded Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UXB02070G0ARP00 Datasheet(HTML) 3 Page - Vishay Siliconix

  UXB02070G0ARP00 Datasheet HTML 1Page - Vishay Siliconix UXB02070G0ARP00 Datasheet HTML 2Page - Vishay Siliconix UXB02070G0ARP00 Datasheet HTML 3Page - Vishay Siliconix UXB02070G0ARP00 Datasheet HTML 4Page - Vishay Siliconix UXB02070G0ARP00 Datasheet HTML 5Page - Vishay Siliconix UXB02070G0ARP00 Datasheet HTML 6Page - Vishay Siliconix UXB02070G0ARP00 Datasheet HTML 7Page - Vishay Siliconix UXB02070G0ARP00 Datasheet HTML 8Page - Vishay Siliconix UXB02070G0ARP00 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
For technical questions, contact: ff3cresistors@vishay.com
Document Number: 28726
86
Revision: 21-Aug-07
UXA 0204, UXB 0207, UXE 0414
Vishay Beyschlag
High Precision Leaded Resistors
Notes:
(1) Please refer to table PACKAGING, see next page.
Products can be ordered using either the Product Description or the 12NC. The PART NUMBER is shown to facilitate the introduction of a unified
part numbering system.
DIMENSIONS
PART NUMBER AND PRODUCT DESCRIPTION UX SERIES
Part Numbering: UXB02070F1001AC100
MODEL/SIZE
SPECIAL CHARACTER
TCR
VALUE
TOLERANCE
PACKAGING
SPECIAL
UXA0204
UXB0207
UXE0414
0 = neutral
H = ± 2 ppm/K
G = ± 5 ppm/K
F = ± 10 ppm/K
3 digit value
1 digit multiplier
MULTIPLIER
9 = *10-1 2 = *102
0 = *100 3 = *103
1 = *101 4 = *104
T = ± 0.01 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
C1
CU
R1
R2
RP
up to 2 digits
00 = standard
Product Description: UXB 0207-10 0.05 % C1 1K0
UXB
0207
10
0.05 %
C1
1K0
MODEL
SIZE
TCR
TOLERANCE
PACKAGING (1)
RESISTANCE VALUE
UXA
UXB
UXE
0204
0207
0414
± 2 ppm/K
± 5 ppm/K
± 10 ppm/K
± 0.01 %
± 0.05 %
± 0.1 %
± 0.25 %
C1
CU
R1
R2
RP
1K0 = 1.0 k
Ω
47K = 47 k
Ω
50R5 = 50.5
Ω
L
d
D
I
I
M
DIMENSIONS - leaded resistor types, mass and relevant physical dimensions
TYPE
Dmax
(mm)
Lmax
(mm)
dnom
(mm)
Imin
(mm)
Mmin
(mm)
MASS
(mg)
UXA 0204
1.6
3.6
0.5
29.0
5.0
125
UXB 0207
2.5
6.3
0.6
28.0
7.5
220
UXE 0414
4.0
11.9
0.8
31.0
15.0
750
SCRIPT MARKING - printed resistance value and letter coding for TCR and tolerance
RESISTANCE
VALUE
TOL.
(%)
LETTER CODE
TCR
(ppm/K)
LETTER CODE
Clear text code for value
± 0.25
C
± 10
B
± 0.1
B
± 05
A
± 0.05
A
± 02
T
± 0.01
T
−−
B0
2
0
0
F
1
7
UX
00
A
C
1
1
0
0


Similar Part No. - UXB02070G0ARP00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UXB2-7 ETC2-UXB2-7 Datasheet
588Kb / 1P
   4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
More results

Similar Description - UXB02070G0ARP00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFD0727 ETC2-MFD0727 Datasheet
658Kb / 1P
   High Precision Metal Film Leaded Resistors
logo
Tyco Electronics
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFD ETC2-MFD Datasheet
658Kb / 1P
   HIGH PRECISION metal Film Leaded Resistors
logo
Vishay Siliconix
MPR24 VISHAY-MPR24_15 Datasheet
120Kb / 7P
   High Precision Thin Film Leaded Resistors
Revision: 06-Oct-09
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
   Ultra Precision Leaded Resistors
Revision: 08-Mar-04
logo
Tyco Electronics
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
   Axial Leaded Precision Resistors
H8100RBYB MACOM-H8100RBYB Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
1773230 MACOM-1773230 Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com