Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM200CVA060 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PM200CVA060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200CVA060 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM200CVA060_05 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200CVA060_05 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200CVA060_05 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200CVA060_05 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200CVA060_05 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200CVA060_05 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM200CVA060
FLAT-BASE TYPE
INSULATED PACKAGE
Jun. 2005
Applied between : VUP1-VUPC
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN-VNC
Applied between : UFO-VUPC, VFO-VVPC, WFO-VWPC
FO-VNC
Sink current at UFO, VFO, WFO and FO terminal
VCES
±IC
±ICP
PC
Tj
Collector-Emitter Voltage
Collector Current
Collector Current (Peak)
Collector Dissipation
Junction Temperature
VD = 15V, VCIN = 15V
TC = 25
°C
TC = 25
°C
TC = 25
°C
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Symbol
Parameter
Condition
Ratings
Unit
600
200
400
541
–20 ~ +150
INTERNAL FUNCTIONS BLOCK DIAGRAM
VFO
IFO
CONTROL PART
V
mA
20
20
Supply Voltage
Input Voltage
Fault Output Supply Voltage
Fault Output Current
Symbol
Parameter
Condition
Ratings
Unit
20
20
VD
VCIN
V
V
Rfo
Rfo
Rfo
Rfo
Rfo=1.5k
FO
NC VNC WN
VN1
VN
NW
V
U
P
UN
VWPC
VUPC
WFO
UFO
VVPC
VFO
WP
VP
UP
VWP1
VUP1
VVP1
GND
GND Si
Si
Si
Si
Si
Si
OUT
TEMP
In
VCC
FO
GND
GND
OUT
In
VCC
FO
GND
GND
OUT
In
VCC
FO
GND
GND
OUT
In
VCC
FO
GND
GND
OUT
In
VCC
FO
GND
GND
OUT
In
VCC
FO
Th


Similar Part No. - PM200CVA060_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200CVA060 MITSUBISHI-PM200CVA060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM200CVA060 MITSUBISHI-PM200CVA060 Datasheet
61Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM200CVA060 POWEREX-PM200CVA060 Datasheet
73Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
More results

Similar Description - PM200CVA060_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com