Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR24D25 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # DR24D25
Description  Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DR24D25 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  DR24D25 Datasheet HTML 1Page - Teledyne Technologies Incorporated DR24D25 Datasheet HTML 2Page - Teledyne Technologies Incorporated DR24D25 Datasheet HTML 3Page - Teledyne Technologies Incorporated DR24D25 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
DR 1
DR\032003\Q1
Single Output to 30A 510 Vac
DIN-Rail Solid-State Relay
FEATURES/BENEFITS
• Mounting and dismounting on DIN rail without
any tool or directly mountable on panel
• Zero-cross and random models; thyristors
output
• Large control range
• Green control LED
• Very high immunity
• Low leakage current
• Internal transient suppression
DESCRIPTION
The Series DR single-phase DIN-rail relays are
designed for all types of loads. The relays utilize
optical isolation to protect the control from load
transients. DR relays have an integral heat sink, and
can be mounted and dismounted onto a DIN rail
without any tools. The relays may also be panel
mounted. All relays offer a green control LED and
transient suppression.
APPLICATIONS
• Heating control
• Motor control
• Industrial and process control
APPROVALS
Series DR relays are pending UL recognition.
Part Number
Description
DR24D25
25A 275 Vac Output
DR24A25
25A 275 Vac Output
DR24A25-22
25A 275 Vac Output
DR48D25-21
25A 480 Vac Output
DR48D25
25A 510 Vac Output
DR48R25
25A 510 Vac Output
DR48A25
25A 510 Vac Output
DR48A25-22
25A 510 Vac Output
DR48D30
30A 510 Vac Output
Part Number Explanation
NEW Series DR
NOTES
1) Line Voltage (nominal): 24 = 240 Vac; 48 = 480Vac
2) Switch Type: D = Zero-cross turn-on; A = Zero-cross, AC control;
R = Random turn-on
3) Features: 21 = self turn-on suppression; 22 = 24 Vac control
MECHANICAL SPECIFICATION
DR
24
A
25
-22
TYPICAL APPLICATION
Figure 1 — DR relays; dimensions in inches (mm)
Figure 2 — DR relay DC control (left) and DR relay AC
control (right)
Load
L1
-
A2 A1
+
Control
Protection
400 Vac 50Hz
SSR
T1
CHARGE
L1
T1
Protection
230 Vac 50Hz
SSR
Load
A2 A1
+
Control


Similar Part No. - DR24D25

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR24D03 CRYDOM-DR24D03 Datasheet
854Kb / 7P
   Rating 3 Amps
DR24D03 CRYDOM-DR24D03 Datasheet
950Kb / 7P
   DIN Rail Mount
logo
Sensata Technologies, I...
DR24D03 SENSATA-DR24D03 Datasheet
336Kb / 6P
   DIN RAIL MOUNT SOLID STATE RELAYS
logo
Crydom Inc.,
DR24D03X CRYDOM-DR24D03X Datasheet
927Kb / 7P
   DIN Rail Mount
DR24D03XR CRYDOM-DR24D03XR Datasheet
927Kb / 7P
   DIN Rail Mount
More results

Similar Description - DR24D25

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
DRL48R35 TELEDYNE-DRL48R35 Datasheet
163Kb / 4P
   Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
DRD48A20 TELEDYNE-DRD48A20 Datasheet
150Kb / 3P
   Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
logo
Schneider Electric
SSM1A430BD SCHNEIDER-SSM1A430BD Datasheet
104Kb / 4P
   solid state relay - DIN rail mount - input 4-32Vdc output 48-660Vac, 30A
SSM1A430M7 SCHNEIDER-SSM1A430M7 Datasheet
113Kb / 5P
   Solid State Relay, Zelio Relay, zero voltage switching, DIN rail mount, 30A, 92 to 280VDC input, 48 to 660VAC output
logo
celduc-relais
XKM22440 CELDUC-XKM22440 Datasheet
99Kb / 2P
   Solid State Relay for DIN rail fixation
XKD CELDUC-XKD Datasheet
620Kb / 3P
   Solid State Relay for DIN rail fixation
XKA21420 CELDUC-XKA21420 Datasheet
378Kb / 2P
   Solid State Relay for DIN rail fixation
XKD11306D CELDUC-XKD11306D Datasheet
130Kb / 2P
   Solid State Relay for DIN rail fixation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com