Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV4991TT Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LV4991TT
Description  Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4991TT Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LV4991TT Datasheet HTML 3Page - Sanyo Semicon Device LV4991TT Datasheet HTML 4Page - Sanyo Semicon Device LV4991TT Datasheet HTML 5Page - Sanyo Semicon Device LV4991TT Datasheet HTML 6Page - Sanyo Semicon Device LV4991TT Datasheet HTML 7Page - Sanyo Semicon Device LV4991TT Datasheet HTML 8Page - Sanyo Semicon Device LV4991TT Datasheet HTML 9Page - Sanyo Semicon Device LV4991TT Datasheet HTML 10Page - Sanyo Semicon Device LV4991TT Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LV4991TT
No.A0739-10/11
0
0.5
2.5
3.5
1
1.5
2
3
4
0
20
40
60
80
100
120
140
160
-50
0
50
0
50
100
0
800
800
-50
0
50
0
50
100
-50
10
Temperature, Ta --
°C
0
500
100
200
300
400
100
200
300
400
600
700
800
900
1000
1100
500
600
700
800
900
1000
1100
1200
0
500
100
200
300
400
600
700
800
900
1000
1100
1200
-50
0
50
0
50
100
Temperature, Ta --
°C
PO -- Ta
0
100
200
300
400
500
600
0
100
200
300
400
500
600
700
1200
-50
0
50
0
50
100
Temperature, Ta --
°C
PO -- Ta
PO -- Ta
0
100
200
300
400
1200
500
600
700
800
900
1000
1100
-50
100
Temperature, Ta --
°C
Temperature, Ta --
°C
-50
100
Temperature, Ta --
°C
-50
100
Temperature, Ta --
°C
ICCO -- Ta
Temperature, Ta --
°C
PO -- Ta
VNO -- Ta
PO -- Ta
PO -- Ta
VCC = 3.6V
VG = 6dB
RL = ∞
VCC = 3.6V
Rg = 0
RL = 8Ω
VG = 6dB
20Hz<BW<20kHz
RL = 8Ω
VG = 6dB
THD = 10%
fin = 1kHz
200Hz<BW<80kHz
RL = 16Ω
VG = 6dB
THD = 10%
fin = 1kHz
200Hz<BW<80kHz
RL = 32Ω
VG = 6dB
THD = 10%
fin = 1kHz
200Hz<BW<80kHz
RL = 32Ω
VG = 6dB
THD = 1%
fin = 1kHz
200Hz<BW<80kHz
RL = 8Ω
VG = 6dB
THD = 1%
fin = 1kHz
200Hz<BW<80kHz
RL = 16Ω
VG = 6dB
THD = 1%
fin = 1kHz
200Hz<BW<80kHz
VCC = 3V
VCC = 3.6V
VCC = 4V
VCC = 3V
VCC = 3.6V
VCC = 5V
VCC = 3V
VCC = 3.6V
VCC = 5V
VCC = 3V
VCC = 3.6V
VCC = 4V
VCC = 3V
VCC = 3.6V
VCC = 5V
VCC = 3V
VCC = 3.6V
VCC = 5V
700


Similar Part No. - LV4991TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4991TT SANYO-LV4991TT Datasheet
196Kb / 11P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT_08 Datasheet
196Kb / 11P
   For Portable Audio Equipment Monaural BTL Power Amplifier
More results

Similar Description - LV4991TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT_08 Datasheet
196Kb / 11P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4993TH SANYO-LV4993TH Datasheet
563Kb / 13P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4993M SANYO-LV4993M Datasheet
524Kb / 13P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4992TT SANYO-LV4992TT Datasheet
499Kb / 10P
   Bi-CMOS IC For Portable Audio Equipment Stereo SE Power Amplifier
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Sanyo Semicon Device
LV4985VH SANYO-LV4985VH Datasheet
408Kb / 15P
   Bi-CMOS IC For Portable Electronic Device Use 1.2W 횞 2ch BTL Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com