Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRL48R35 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # DRL48R35
Description  Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DRL48R35 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  DRL48R35 Datasheet HTML 1Page - Teledyne Technologies Incorporated DRL48R35 Datasheet HTML 2Page - Teledyne Technologies Incorporated DRL48R35 Datasheet HTML 3Page - Teledyne Technologies Incorporated DRL48R35 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
DRL 3
DRL\032003\Q1
OUTPUT (LOAD) SPECIFICATION
Min
Max
Unit
Operating Range
24
510
Vrms
Peak Voltage
1200
Vpeak
Clamping Voltage
-21 feature (On voltage, typical)
950
V
All others (@1mA)
820
V
Zero-Cross Window (Typical)
DRL48R35
Random
DRL48D35-21
±10
V
DRL48D35
±20
V
DRL48A
±20
V
Non-Repetitive Surge Current
(See Figure 5)
550
A
On-State Voltage Drop (Typical)
0.9 V
Output Power Dissipation
(Typical)
0.81xIe+0.08xIe2
Thermal Resistance
(Junction to Air)
2.6
°C/W
Off-State Leakage Current (60Hz)
1
mA
Turn-On Time (60Hz)
DRL48R35
0.1
ms
DRL48D
8.3
ms
DRL48A
24.9
ms
Turn-Off Time (60Hz)
DRL48R35
8.3
ms
DRL48D
8.3
ms
DRL48A
24.9
ms
Operating Frequency Range 0.1
440
Hz
Off-State dv/dt
500
V/µs
I2t for match fusing (<8.3ms)
1500
A2S
Series DRL
ENVIRONMENTAL SPECIFICATION
Min
Max
Unit
Storage Temperature
–30
100
°C
Operating Temperature
–30
80
°C
Input-Output Isolation
4000
Vrms
Output-Case Isolation
4000
Vrms
Insulation Resistance
100
MΩ
Rated Impulse Voltage
4000
V
THERMAL CHARACTERISTICS
Figure 4 — DRL relays
05
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85
5
10
15
20
25
30
35
40
45
0
Ambient Temperature (°C)
SURGE CURRENTS
Figure 5 — DRL relays
200
400
600
0
Non-Repetitive
Repetitive with initial Tj = 70˚C
110
0.1
0.01
t (s)


Similar Part No. - DRL48R35

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRL-01 MEANWELL-DRL-01 Datasheet
42Kb / 1P
   Mounting Accessories
logo
Advantech Co., Ltd.
DRL-01 ADVANTECH-DRL-01 Datasheet
267Kb / 1P
   ?쏬??Mounting Brackets ??for Mean Well Power Supplies
logo
Mean Well Enterprises C...
DRL-02 MEANWELL-DRL-02 Datasheet
42Kb / 1P
   Mounting Accessories
DRL-03A MEANWELL-DRL-03A Datasheet
48Kb / 1P
   Mounting Accessories
logo
Delta Electronics, Inc.
DRL-24V120W1AX DELTA-DRL-24V120W1AX Datasheet
779Kb / 15P
   Universal AC input voltage
More results

Similar Description - DRL48R35

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DR24D25 TELEDYNE-DR24D25 Datasheet
172Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
DRD48A20 TELEDYNE-DRD48A20 Datasheet
150Kb / 3P
   Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
celduc-relais
XKM22440 CELDUC-XKM22440 Datasheet
99Kb / 2P
   Solid State Relay for DIN rail fixation
XKD CELDUC-XKD Datasheet
620Kb / 3P
   Solid State Relay for DIN rail fixation
XKA21420 CELDUC-XKA21420 Datasheet
378Kb / 2P
   Solid State Relay for DIN rail fixation
XKD11306D CELDUC-XKD11306D Datasheet
130Kb / 2P
   Solid State Relay for DIN rail fixation
XKA20420R CELDUC-XKA20420R Datasheet
45Kb / 2P
   Solid State Relay for DIN rail fixation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com