Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV4150W Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LV4150W
Description  Bi-CMOS LSI For LCD Panel Drive Single Chip IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4150W Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LV4150W Datasheet HTML 1Page - Sanyo Semicon Device LV4150W Datasheet HTML 2Page - Sanyo Semicon Device LV4150W Datasheet HTML 3Page - Sanyo Semicon Device LV4150W Datasheet HTML 4Page - Sanyo Semicon Device LV4150W Datasheet HTML 5Page - Sanyo Semicon Device LV4150W Datasheet HTML 6Page - Sanyo Semicon Device LV4150W Datasheet HTML 7Page - Sanyo Semicon Device LV4150W Datasheet HTML 8Page - Sanyo Semicon Device LV4150W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LV4150W
No.8930-4/26
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Sub-brightness R change
rates
SBBRTR
Measure the change amount of TP45 output black
level when SIG2 is entered in (A) and COMW is
changed from 128 to 255 and that of TP45 output
white level change amount when COMW is
changed from 128 to 0.
±1.3
±1.7
V
Sub-brightness B change
rates
SBBRTB
Measure the change amount of TP40 output black
level when SIG2 is entered in (A) and COMW is
changed from 128 to 255 and that of TP45 output
white level when COMW is changed from 128 to 0.
±1.3
±1.7
V
Gain difference between RGB
signals
ΔGRGB
Determine the level difference of non-inverted
output amplitude (white to black) of TP40, TP43,
and TP45 when SIG3 is entered to (A).
-0.6
0
0.6
dB
Sub-contrast R change rate
SBCNTR
Measure the non-inverted output (white to black) of
TP45 for the non-inverted output (white to black) of
TP43 when SIG3 is entered to (A) and when
R-CNT = 0 and R-CNT = 255.
±2.0
dB
Sub-contrast B change rate
SBCNTB
Measure the non-inverted output (white to black) of
TP40 for the non-inverted output (white to black) of
TP43 when SIG3 is entered to (A) and when
B-CNT = 0 and B-CNT = 255.
±2.0
dB
RGB inverted/non-inverted
gain difference
ΔGINV
Determine the difference of inverted output
amplitude for the non-inverted output amplitude
(white to black) of TP40, TP43, and TP45 when
SIG3 is entered to (A).
-0.5
0
0.5
dB
[RGB signal system]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Black level potential difference
between RGB signals
ΔVBL
Determine the difference between highest and
lowest black levels for inverted and non-inverted
outputs of TP40, TP43, and TP45 when SIG3 is
entered to (A).
300
mV
G
γL
23
26
29
dB
G
γM
12
15
18
dB
Gamma gain
G
γH
Enter SIG7 into (A) and set the non-inverted output
amplitude (black and white) of TP43 at
γ1 = 120, γ2
= 0 to 2.7Vp-p with CONT. Adjust the amplitude
(black and white) to 3.5Vp-p with
γ2 and the black
level to 1.5V with BRT. Measure VG1, VG2 and
VG3 and calculate as follows :
G
γL = 20log (VG1/0.0357)
G
γM = 20log (VG2/0.0357)
G
γH = 20log (VG3/0.0357)
(See Fig. 4.)
23
26
29
dB
V
γ1MN
0IRE
γ1 adjustment variable range
V
γ1MX
Enter SIG7 to (A) and set the TP43 output (black to
black) to 3Vp-p through BRIGHT adjustment.
Read the
γ gain change point at γ1 = 0, γ1 = 255 by
referring to the IRE level of input signal :
V
γ1MN for γ1 = 0 Vγ1MX for γ1 = 255
100
IRE
V
γ2MN
100
IRE
γ2 adjustment variable range
V
γ2MX
Enter SIG7 to (A) and set the TP43 output (black to
black) to 3Vp-p through BRIGHT adjustment.
Read the
γ gain change point at γ2 = 0, γ2 = 255 by
referring to the IRE level of input signal :
V
γ2MN for γ2 = 0 Vγ2MX for γ2 = 255
0IRE
tCOMH
1
1.5
μs
Antipole transition time
tCOML
Enter SIG3 to (A) and set the output amplitude of
TP38 to 3Vp-p. Measure tCOMH for rise and
tCOML for fall. Load : 1000pF
1
1.5
μs
VBLIMN
4.5
Vp-p
RGB output black limiter
variablerange
VBLIMX
Enter SIG2 to (A) and measure the amplitude of
the black side limiter of inverted/non-inverted
TP38, 40, 43 and 45 output.
2
Vp-p
VWLIMN
4
Vp-p
RGB output white limiter
variablerange
VWLIMX
Enter SIG2 to (A) and measure the amplitude of
the white side limiter of inverted/non-inverted
TP38, 40, 43 and 45 output.
2.2
Vp-p
Continued on next page.


Similar Part No. - LV4150W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4124W SANYO-LV4124W Datasheet
266Kb / 21P
   Single-chip LCD panel driver IC(Supports the ALP202 LCD panel)
LV4138W SANYO-LV4138W Datasheet
436Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4141W SANYO-LV4141W Datasheet
475Kb / 27P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4147W SANYO-LV4147W Datasheet
435Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4149W SANYO-LV4149W Datasheet
469Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
More results

Similar Description - LV4150W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4147W SANYO-LV4147W Datasheet
435Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4138W SANYO-LV4138W Datasheet
436Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4141W SANYO-LV4141W Datasheet
475Kb / 27P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV4149W SANYO-LV4149W Datasheet
469Kb / 26P
   Bi-CMOS LSI For LCD Panel Drive Single Chip IC
LV25200M SANYO-LV25200M Datasheet
522Kb / 45P
   Bi-CMOS IC Single chip Tuner IC for Car Radio
LV8092GQ SANYO-LV8092GQ Datasheet
107Kb / 12P
   Bi-CMOS LSI Piezo Actuator Driver IC
LV1117 SANYO-LV1117 Datasheet
225Kb / 3P
   Bi-CMOS LSI
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
logo
Toshiba Semiconductor
T6M23A TOSHIBA-T6M23A Datasheet
896Kb / 25P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
T6M74A TOSHIBA-T6M74A Datasheet
837Kb / 25P
   CMOS 1 CHIP LSI FOR LCD ELECTRONIC CALCULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com