Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC46N70A Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # EPC46N70A
Description  Up to 110A 460 Vac Phase Angle Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

EPC46N70A Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  EPC46N70A Datasheet HTML 1Page - Teledyne Technologies Incorporated EPC46N70A Datasheet HTML 2Page - Teledyne Technologies Incorporated EPC46N70A Datasheet HTML 3Page - Teledyne Technologies Incorporated EPC46N70A Datasheet HTML 4Page - Teledyne Technologies Incorporated EPC46N70A Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EPC 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
EPC\032003\Q1
Series EPC
Firing delay time
Analog
input voltage
0V -> EPCXXXXXA
10V
8.4ms
4.2ms
0ms
Load voltage
1
5
2
3
4
Firing delay time
10ms
5ms
0ms
20mA
1
3
Load voltage
5.5mA -> EPC24N40R
2
4
5
0mA
Analog
input voltage
1. Factory presetting to 144
° ±10% (@50Hz)of the initial
maximum firing delay angle. It can be modified by using the
external phase angle adjust. A variation in the load voltage
causes a small decrease of this angle. For 60Hz see item 4.
2. Full conduction mode voltage: Control Voltage = 10 Vdc
(+0; –5%)
3. Factory presetting to 0.2 Vdc
±0.1V of the minimum control
input voltage. Below 0.2Vdc, the relay is off; above 0.2Vdc, the
relay is On at a firing delay angle that depends on the external
phase angle adjust.
4. Possible presetting zone by using the external phase
angle adjust.
5. Firing delay angle limit: 170
° (0; +5%);
Conditions: EPC24 @ 135 Vac, EPC46 @ 240Vac
INPUT/OUTPUT TRANSFER CHARACTERISTICS
Figure 6a – EPCXXNXXA
Figure 6b – EPC24N40R
1. Factory presetting to 170
° ±10% (@50Hz)of the initial
maximum firing delay angle. It can be modified by using the
external phase angle adjust. A variation in load voltage causes a
small decrease of this angle. For 60Hz see item 4.
2. Full conduction mode voltage: 20 mA (+0; –10%)
3. Factory presetting to 5.5 mA (+10%; –0) of the minimum
control input current.
4. Possible presetting zone by using the external phase
angle adjust.
5. Firing delay angle limit: 170
° (0; +5%);
Conditions: @135 Vac; Control input = 5.5 mA.
Load
C1
L
Filter
C1 type : X 2
Relay
L
C2
M
C1
C0
C0
Filter 2
1
Filter 1 comprised of C1
and motor inductance
Usually
C0 = 2.2nF max
Y type
Filter 1
P
N
Relay
TYPICAL FILTER EXAMPLES
Figure 7a – Low currents
Figure 7b – High currents, filters in series


Similar Part No. - EPC46N70A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC4 ALTERA-EPC4 Datasheet
467Kb / 36P
   SRAM-Based LUT Devices
EPC4 ALTERA-EPC4 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPC4 ALTERA-EPC4 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC4 ALTERA-EPC4 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EPC4QC100 ALTERA-EPC4QC100 Datasheet
421Kb / 36P
   2. Enhanced Configuration Devices (EPC4, EPC8 & EPC16) Data Sheet
More results

Similar Description - EPC46N70A

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
AS6 WILLOW-AS6 Datasheet
319Kb / 4P
   4A to 460 Vac SIP Package
logo
Schneider Electric
8536SBA2V02H30S SCHNEIDER-8536SBA2V02H30S Datasheet
126Kb / 2P
   NEMA Motor Starter, Type S, nonreversing, Size 0, 18A, 5 HP at 460 VAC, up to 100 kA SCCR,at 460 VAC, up to 100 kA SCCR,VAC coil, NEMA 12
Jul 4, 2022
logo
celduc-relais
SO445120 CELDUC-SO445120 Datasheet
962Kb / 5P
   Phase angle controller
SO465320 CELDUC-SO465320 Datasheet
968Kb / 5P
   Phase angle controller
SO468020 CELDUC-SO468020 Datasheet
962Kb / 5P
   Phase angle controller
SO468120 CELDUC-SO468120 Datasheet
962Kb / 5P
   Phase angle controller
SO469120 CELDUC-SO469120 Datasheet
963Kb / 5P
   Phase angle controller
SO445020 CELDUC-SO445020 Datasheet
962Kb / 5P
   Phase angle controller
SO445420 CELDUC-SO445420 Datasheet
917Kb / 5P
   Phase angle controller
SO465420 CELDUC-SO465420 Datasheet
919Kb / 5P
   Phase angle controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com