Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS60D27C Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # LS60D27C
Description  30A to 600 Vac SIP Package DC control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LS60D27C Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  LS60D27C Datasheet HTML 1Page - Teledyne Technologies Incorporated LS60D27C Datasheet HTML 2Page - Teledyne Technologies Incorporated LS60D27C Datasheet HTML 3Page - Teledyne Technologies Incorporated LS60D27C Datasheet HTML 4Page - Teledyne Technologies Incorporated LS60D27C Datasheet HTML 5Page - Teledyne Technologies Incorporated LS60D27C Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
LS 1
LS\032003\Q2
30A to 600 Vac SIP Package
DC control
FEATURES/BENEFITS
• Industry standard package
• Designed for external heat-sink attachment
• Over-sized thyristor ratings
• Direct-copper bonding technology
DESCRIPTION
These solid-state single inline package (SIP) relays
are designed for mounting on printed circuit boards.
The Series LS relays facilitate heat sinking by
providing an interface surface. The relays are
designed with 16A, 25A and 50A thyristors. They can
switch loads with high starting currents. The nominal
switched currents depend on the size of the heat sink
and are limited by the cross section of the tracks of
the printed circuit (mainly 25A/30A). The relays use
a direct-bonded copper substrate for thermal
efficiency, thermal stress performance and long-life
expectancy.
APPLICATIONS
• Motor control — Pumps, reversing, integration of
relays in terminal boxes
• Lamp control — Infrared drying, traffic lights,
theater lighting
APPROVALS
All models are UL recognized.
UL File Number: E128555.
Part Number
Description
LS24D16C
16A, 240 Vac
LS24D21C
21A, 240 Vac
LS60D22C
22A, 600 Vac
LS24D27C
27A, 240 Vac
LS60D27C
27A, 600 Vac
LS60D30C
30A, 600 Vac
Part Number Explanation
Series LS
NOTES
1) Line Voltage (nominal): 24 = 240 Vac; 60 = 600 Vac
2) Switch Type: D = Zero-cross turn-on
3) Control Range: C = 4-14 Vdc (N = 8-32 Vdc also available)
MECHANICAL SPECIFICATION
LS
24
D
16
C
Hot surface: 1.48 (37.6)
.31
(7.83)
0.2 (5.08)
0.5 (12.7)
1.82 (43.6)
0.4
(10.16)
.25 (6.3)
.07 (1.7)
0.1 (2.54)
.01 (0.3)
Ø1
0.3
(7.83)
.07 (1.7)
Top view
Hole Ø .06 (1.6)
43
2
1
TOLERANCES: +
–0.01
WEIGHT: 0.53 oz. (15g)
BLOCK DIAGRAM
1 ~
2 ~
3 +
4 –
Rc
Vc
Ic
TYPICAL APPLICATION
Figure 1 — LS relays; dimensions in inches (mm)
(See Figure 12 for LS with HS1)
Figure 2 — LS relays
Load
L1
N
Load
L1
N
Or
MOV on
the PCB
MOV on
the PCB
SSR
SSR
Figure 3 — LS relays


Similar Part No. - LS60D27C

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
LS60D22C TELEDYNE-LS60D22C Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
More results

Similar Description - LS60D27C

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
   30A to 600 Vac SIP Package DC Control
BS24D4A TELEDYNE-BS24D4A Datasheet
87Kb / 2P
   4A to 600 Vac SIP Package DC Control
logo
Willow Technologies Ltd
AS4 WILLOW-AS4 Datasheet
319Kb / 4P
   5A to 600 Vac SIP Package
logo
Teledyne Technologies I...
DS6R3E TELEDYNE-DS6R3E Datasheet
81Kb / 2P
   3A to 220 Vdc SIP Package DC Control
logo
Willow Technologies Ltd
AS6 WILLOW-AS6 Datasheet
319Kb / 4P
   4A to 460 Vac SIP Package
logo
Teledyne Technologies I...
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
logo
Murata Manufacturing Co...
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
LSN2-T MURATA-LSN2-T Datasheet
1Mb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
logo
Littelfuse
KLKD LITTELFUSE-KLKD_17 Datasheet
623Kb / 7P
   600 Vac/dc
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com