Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC898023KW Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC898023KW
Description  40쨈 Playback/16쨈 Write CD-R/RW Encoder/Decoder IC with Built-in SCSI Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC898023KW Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC898023KW Datasheet HTML 5Page - Sanyo Semicon Device LC898023KW Datasheet HTML 6Page - Sanyo Semicon Device LC898023KW Datasheet HTML 7Page - Sanyo Semicon Device LC898023KW Datasheet HTML 8Page - Sanyo Semicon Device LC898023KW Datasheet HTML 9Page - Sanyo Semicon Device LC898023KW Datasheet HTML 10Page - Sanyo Semicon Device LC898023KW Datasheet HTML 11Page - Sanyo Semicon Device LC898023KW Datasheet HTML 12Page - Sanyo Semicon Device LC898023KW Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
No. 6614-9/13
LC898023KW, 898023KL
Continued from preceding page.
Pin No.
Pin name
Type
Pin function
161
VSS
P
Digital system ground (VSS)
162
DB1
B
SCSI connection
163
DB2
B
164
VDD
P
Digital system power supply (5 V)
165
DB3
B
SCSI connection
166
DB4
B
167
VSS
P
Digital system ground (VSS)
168
DB5
B
169
DB6
B
SCSI connection
170
DB7
B
171
VSS
P
Digital system ground (VSS)
172
VDD
P
Digital system power supply (5 V)
173
VSS
P
Digital system ground (VSS)
174
DBP
B
175
ATN
B
SCSI connection
176
BSY
B
177
VSS
P
Digital system ground (VSS)
178
ACK
B
SCSI connection
179
RST
B
180
VDD
P
Digital system power supply (5 V)
181
MSG
B
SCSI connection
182
SEL
B
183
VSS
P
Digital system ground (VSS)
184
C/D
B
SCSI connection
185
VSS
P
Digital system ground (VSS)
186
VDD
P
Digital system power supply (5 V)
187
REQ
B
SCSI connections
188
I/O
B
189
VSS
P
Digital system ground (VSS)
190
VDD
P
Digital system power supply (3.3 V)
191
VSS
P
Digital system ground (VSS)
192
NC
Unused
193
NC
Unused
194
RAS0
O
195
RAS1
O
DRAM RAS signal outputs
196
RAS2
O
197
LWE
O
DRAM lower write enable
198
VDD
P
Digital system power supply (3.3 V)
199
VSS
P
Digital system ground (VSS)
200
UWE
O
DRAM upper write enable
201
CAS0
O
DRAM CAS signal output
202
CAS1
O
203
OE
O
DRAM output enable
204
RA0
O
205
RA1
O
CD-ROM encoder/decoder DRAM address lines
206
RA2
O
207
RA3
O
208
VDD
P
Digital system power supply (3.3 V)


Similar Part No. - LC898023KW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC898023 SANYO-LC898023 Datasheet
108Kb / 13P
   LC898023
More results

Similar Description - LC898023KW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC898093 SANYO-LC898093 Datasheet
64Kb / 13P
   40쨈 Playback/12쨈 Write CD-R/RW Encoder/Decoder IC with Built-in ATAPI Interface
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Sanyo Semicon Device
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
logo
Samsung semiconductor
MAX-B550 SAMSUNG-MAX-B550 Datasheet
6Mb / 24P
   THREE-CD CHANGER MINI-COMPACT SYSTEM CD-R/RW PLAYBACK
logo
Sanyo Semicon Device
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
logo
Rohm
BB6381KU ROHM-BB6381KU Datasheet
166Kb / 6P
   Control IC for CD-R/RW drive
logo
NXP Semiconductors
SAA7391 PHILIPS-SAA7391 Datasheet
370Kb / 108P
   ATAPI CD-R block encoder/decoder
1997 Aug 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com