Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM15CZF120 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PM15CZF120
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM15CZF120 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PM15CZF120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM15CZF120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM15CZF120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM15CZF120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM15CZF120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM15CZF120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Sep.1998
MITSUBISHI INTELLIGENT POWER MODULES
PM15CZF120
FLAT-BASE TYPE
INSULATED PACKAGE
Electrical and Mechanical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Over Current Trip Level
OC
-20
°C ≤ Tj ≤ 125°C, VD= 15V
22
37
Amperes
Short Circuit Trip Level
SC
-20
°C ≤ Tj ≤ 125°C, VD= 15V
56
Amperes
Over Current Delay Time
toff(OC)
VD = 15V
10
µs
Over Temperature Protection
OT
Trip Level
100
110
120
°C
OTr
Reset Level
90
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
UVr
Reset Level
12.5
Volts
Supply Voltage
VD
Applied between VUP1-VUPC,
13.5
15.0
16.5
Volts
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Circuit Current
ID
VD = 15V, VCIN = 15V, VN1-VNC
–18
25
mA
VD = 15V, VCIN = 15V, VXP1-VXPC
7
10
mA
Input ON Threshold Voltage
Vth(on)
Applied between
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
Vth(off)
UP-VUPC, VP-VVPC, WP-VWPC,
1.7
2.0
2.3
Volts
UN · VN · WN-VNC
PWM Input Frequency
fPWM
3-
φ Sinusoidal
15
kHz
Fault Output Current
IFO(H)
VD = 15V, VFO = 15V
0.01
mA
IFO(L)
VD = 15V, VFO = 15V
10
15
mA
Minimum Fault Output Pulse Width
tFO
VD = 15V
1.0
1.8
ms


Similar Part No. - PM15CZF120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM15CZF120 MITSUBISHI-PM15CZF120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
logo
Powerex Power Semicondu...
PM15CZF120 POWEREX-PM15CZF120 Datasheet
75Kb / 6P
   Intellimod??Modules Three Phase Converter IGBT Inverter Output (15 Amperes/1200 Volt)
More results

Similar Description - PM15CZF120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com