Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH11107 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PH11107
Description  802.11A/B/G MINI PCI CARD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PH11107 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PH11107 Datasheet HTML 3Page - List of Unclassifed Manufacturers PH11107 Datasheet HTML 4Page - List of Unclassifed Manufacturers PH11107 Datasheet HTML 5Page - List of Unclassifed Manufacturers PH11107 Datasheet HTML 6Page - List of Unclassifed Manufacturers PH11107 Datasheet HTML 7Page - List of Unclassifed Manufacturers PH11107 Datasheet HTML 8Page - List of Unclassifed Manufacturers PH11107 Datasheet HTML 9Page - List of Unclassifed Manufacturers PH11107 Datasheet HTML 10Page - List of Unclassifed Manufacturers PH11107 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
802.11a/b/g Mini PCI Card
PH11107/12127
PERFORMANCE
Note: 802.11g performance numbers are preliminary, and subject to change
RECEIVER
802.11a
6Mbps
9 Mbps
12 Mbps
18 Mbps
24 Mbps
36 Mbps
48 Mbps
54 Mbps
Units
Sensitivity
-91
-90
-89
-87
-84
-80
-74
-72
dBm
802.
11b/
g
1Mbp
s
2
Mbps
5.5
Mbps
11
Mbps
6
Mbps
9
Mbps
12
Mbps
18
Mbps
24
Mbps
36
Mbps
48
Mbps
54
Mbps
Units
Sensi
tivity
-93
-92
-91
-89
-89
-88
-86
-84
-82
-78
-72
-68
dBm
TRANSMITTER
802.11a
6 Mbps
9 Mbps
12
Mbps
18
Mbps
24
Mbps
36
Mbps
48
Mbps
54
Mbps
Units
Avg.
Channel
Power
5.170-
5.700
GHz
17
17
17
17
17
15
14
13
dBm
Avg.
Channel
Power
5.745-
5.865
GHz
16
16
16
16
16
15
12
10
dBm
802.
11b/
g
1
Mbps
2
Mbps
5.5
Mbps
11
Mbps
6
Mbps
9
Mbps
12
Mbps
18
Mbps
24
Mbps
36
Mbps
48
Mbps
54
Mbps
Units
Avg.
Chan
nel
Powe
r
17
17
17
17
17
17
17
17
17
15.5
13.5
11.5
dBm
Channel Power may be limited, subject to local regulatory requirements.
DC CHARACTERISTICS
The following conditions apply to all PCI interface DC characteristics unless otherwise specified:
Vdd = 3.3 V, Tamb = 25 °C
Version 1.1
6.13.03
Page 7 of 18


Similar Part No. - PH11107

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1113-100 MACOM-PH1113-100 Datasheet
62Kb / 2P
   Radar Pulsed Power Transistor - 100 Watts, 1.1-1.3 GHz, 3ms Pulse, 30% Duty
logo
M/A-COM Technology Solu...
PH1113-100 MA-COM-PH1113-100 Datasheet
139Kb / 3P
   Radar Pulsed Power Transistor
logo
Tyco Electronics
PH1113-100 MACOM-PH1113-100 Datasheet
139Kb / 2P
   Radar Pulsed Power Transistor 100W, 1.1-1.3 GHz, 3關s Pulse, 30% Duty
logo
M/A-COM Technology Solu...
PH1113-100 MA-COM-PH1113-100_17 Datasheet
560Kb / 4P
   Radar Pulsed Power Transistor
More results

Similar Description - PH11107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W415 ETC2-W415 Datasheet
38Kb / 1P
   IEEE 802.11a/b/g Wireless Mini PCI
logo
Advantech Co., Ltd.
WIFI-103 ADVANTECH-WIFI-103 Datasheet
230Kb / 1P
   MINI PCI 802.11 a/b/g Card
logo
Freescale Semiconductor...
LP1071 FREESCALE-LP1071 Datasheet
467Kb / 32P
   802.11a/b/g Baseband System
logo
Suntsu Electronics, Inc...
SATIA-160A11A-WFB1 SUNTSU-SATIA-160A11A-WFB1 Datasheet
1,016Kb / 3P
   Bluetooth & IEEE 802.11a/b/g
SATIA-119C6A-WFB1 SUNTSU-SATIA-119C6A-WFB1 Datasheet
436Kb / 3P
   Bluetooth & IEEE 802.11a/b/g
logo
Advantech Co., Ltd.
WIFI-107E ADVANTECH-WIFI-107E Datasheet
287Kb / 1P
   802.11 a/b/g Mini-PCI 107E Card
EWM-W136M ADVANTECH-EWM-W136M Datasheet
794Kb / 1P
   802.11 a/b/g/n Mini PCI Card
logo
Broadcom Corporation.
BCM94311 BOARDCOM-BCM94311 Datasheet
407Kb / 2P
   AIRFORCE 54G 802.11A/B/G PCI EXPRESS CLIENT REFERENCE DESIGN
logo
Advantech Co., Ltd.
EWM-W143H ADVANTECH-EWM-W143H Datasheet
719Kb / 1P
   802.11a/b/g/n Bluetooth 3.0 Half-size Mini PCIe Card
logo
ATMEL Corporation
AT76C517 ATMEL-AT76C517 Datasheet
73Kb / 3P
   802.11a/b/g Baseband Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com