Electronic Components Datasheet Search |
|
LC723783N Datasheet(PDF) 11 Page - Sanyo Semicon Device |
|
LC723783N Datasheet(HTML) 11 Page - Sanyo Semicon Device |
11 / 14 page LC723781N/723782N/723783N/723784/723785 No.8011-11/14 Continued from preceding page. Pin name Pin No. I/O Pin explanation Equivalent circuit HCTR 90 I Universal counter and general-purpose input shared function input port. The IOS1 instruction is used for switching between the universal counter and general- purpose input functions. • When used for frequency measurement : The universal counter function is set up with the IOS1 instruction. The counter is controlled using UCS and UCC instructions. Since this pin functions as an AC amplifier in this mode, the input signal must be input with capacitor coupling. • When used as a general-purpose input pin : The general-purpose input function is set up with the IOS1 instruction. Data is read from the port using the INR (b0) instruction. Input is disabled in Backup mode. (The input pin will be pulled down.) The universal counter function is selected after a power on reset. LCTR 89 I Universal counter (frequency or period measurement) and general- purpose input shared function input port. The IOS1 instruction is used for switching between the universal counter and general-purpose input functions. • When used for frequency measurement : The universal counter function is set up with the IOS1 instruction. Set up LCTR frequency measurement mode with the UCS instruction, and control operation with the UCC instruction. Since this pin functions as an AC amplifier in this mode, the input signal must be input with capacitor coupling. • When used for period measurement : The universal counter function is set up with the IOS1 instruction. Set up LCTR frequency measurement mode with the UCS instruction, and control operation with the UCC instruction. Since the bias feedback resistor is disconnected in this mode, the input signal must be input with DC coupling. • When used as a general-purpose input pin : The general-purpose input port function is set up with the IOS1 instruction. Data is read from the port using the INR (b1) instruction. Input is disabled in Backup mode. (The input pin will be pulled down.) The universal counter function (HCTR frequency measurement mode) is selected after a power on reset. SNS 88 I Voltage sense and general-purpose input shared function port. This input circuit is designed with a low input threshold voltage. • When used as a voltage sense input : The pin is used to test for power failures on the return from Backup mode. Application can test this condition using the internal SNS flip-flop. The SNS flip-flop can be tested with the TST instruction. (This usage requires external components, capacitors and resistors. For the sample application circuit, see the user’s manual.) • When used as a general-purpose input port : When used as a general-purpose input port the pin state can be tested with the TST instruction. Unlike the other input ports, input to this pin is not disabled in Backup mode and after a power on reset. As a result, through currents must be taken into account when designing applications that use this pin as a general-purpose input. HOLD 87 I Power supply monitor (with interrupt function) This is designed with a high input threshold voltage. This pin is normally connected to the ACC line and used for power off detection. When a power off state is detected, the HOLDON flag and the hold interrupt request flag will be set. To enter Backup mode, execute a CKSTP instruction when the HOLD pin is low. Set this pin high to clear Backup mode. Continued on next page. |
Similar Part No. - LC723783N |
|
Similar Description - LC723783N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |