Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC723661 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC723661
Description  CMOS IC Electronic tuning radio for car audio ETR Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723661 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC723661 Datasheet HTML 4Page - Sanyo Semicon Device LC723661 Datasheet HTML 5Page - Sanyo Semicon Device LC723661 Datasheet HTML 6Page - Sanyo Semicon Device LC723661 Datasheet HTML 7Page - Sanyo Semicon Device LC723661 Datasheet HTML 8Page - Sanyo Semicon Device LC723661 Datasheet HTML 9Page - Sanyo Semicon Device LC723661 Datasheet HTML 10Page - Sanyo Semicon Device LC723661 Datasheet HTML 11Page - Sanyo Semicon Device LC723661 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LC723661, 723662, 723663
No.0460-10/12
Continued from preceding page.
Pin name
Pin No.
I/O
Pin explanation
Equivalent circuit
LCTR
71
I
Universal counter (frequency or period measurement) and general-
purpose input shared function input port.
The IOS1 instruction is used for switching between the universal
counter and general-purpose input functions.
• When used for frequency measurement :
The universal counter function is set up with the IOS1 instruction.
Set up LCTR frequency measurement mode with the UCS
instruction, and control operation with the UCC instruction.
Since this pin functions as an AC amplifier in this mode, the input
signal must be input with capacitor coupling.
• When used for period measurement :
The universal counter function is set up with the IOS1 instruction.
Set up LCTR frequency measurement mode with the UCS
instruction, and control operation with the UCC instruction.
Since the bias feedback resistor is disconnected in this mode, the
input signal must be input with DC coupling.
• When used as a general-purpose input pin :
The general-purpose input port function is set up with the IOS1
instruction.
Data is read from the port using the INR (b1) instruction.
Input is disabled in Backup mode. (The input pin will be pulled down.)
The universal counter function (HCTR frequency measurement mode)
is selected after a power on reset.
SNS
70
I
Voltage sense and general-purpose input shared function port.
This input circuit is designed with a low input threshold voltage.
• When used as a voltage sense input :
The pin is used to test for power failures on the return from Backup
mode.
Application can test this condition using the internal SNS flip-flop.
The SNS flip-flop can be tested with the TST instruction.
(This usage requires external components, capacitors and resistors.
For the sample application circuit, see the user’s manual.)
• When used as a general-purpose input port :
When used as a general-purpose input port the pin state can be
tested with the TST instruction.
Unlike the other input ports, input to this pin is not disabled in Backup
mode and after a power on reset. As a result, through currents must
be taken into account when designing applications that use this pin as
a general-purpose input.
HOLD
69
I
Power supply monitor (with interrupt function)
This is designed with a high input threshold voltage.
This pin is normally connected to the ACC line and used for power off
detection.
When a power off state is detected, the HOLDON flag and the hold
interrupt request flag will be set.
To enter Backup mode, execute a CKSTP instruction when the HOLD
pin is low. Set this pin high to clear Backup mode.
RESET
68
I
System reset pin.
When the CPU is operating or in Halt mode, the system is reset when
this pin is held low for at least one machine cycle. Execution starts
with the PC pointing to location 0. At this time the SNS flip-flop is set.
A low level must be applied for at least 50ms when power is first
applied.
Continued on next page.
ILC05539
ILC05539
ILC05540
ILC05536
PLL Stop instruction


Similar Part No. - LC723661

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72366 SANYO-LC72366 Datasheet
181Kb / 13P
   Single-Chip PLL Microcontrollers
More results

Similar Description - LC723661

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com