Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75051E Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC75051E
Description  CMOS IC Lip-Sync Enabling Audio DSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75051E Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LC75051E Datasheet HTML 1Page - Sanyo Semicon Device LC75051E Datasheet HTML 2Page - Sanyo Semicon Device LC75051E Datasheet HTML 3Page - Sanyo Semicon Device LC75051E Datasheet HTML 4Page - Sanyo Semicon Device LC75051E Datasheet HTML 5Page - Sanyo Semicon Device LC75051E Datasheet HTML 6Page - Sanyo Semicon Device LC75051E Datasheet HTML 7Page - Sanyo Semicon Device LC75051E Datasheet HTML 8Page - Sanyo Semicon Device LC75051E Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LC75051E
No.A0178-6/9
Pin Assignment
Pin Functions
Pin Name
Input/Output
Function
Pin No.
INL
AI
Lch ADC analog input
37
INR
AI
Rch ADC analog input
38
DAOUTL
AO
Lch DAC analog output
29
DAOUTR
AO
Rch DAC analog output
30
EVRINL
AI
Lch EVR input
28
EVRINR
AI
Rch EVR input
31
AOUT1
AO
Lch EVR output
27
AOUT2
AO
Rch EVR output
32
LRCKI
I
LR clock input
47
BCKI
I
Bit clock input
48
DATAI
I
Data input
49
LRCKO
O
LR clock output
59
BCKO
O
Bit clock output
58
DATAO0
O
Data output 0
57
DATAO1
O
Data output 1
56
DATAO2
O
Data output 2
55
SCKI
I
External clock input
50
SCKO
I/O
DAC master clock output
53
RSTB
I
Reset input (low active)
67
PWDB
I
Power down input (low active)
66
Continued on next page.
TEST5
TEST4
TEST1
TEST0
CVSS4
CVDD4
XVDD
XIN
XOUT
XVSS
DVDD4
DVSS4
TEST3
TEST2
PLLDVSS
PLLDVDD
PLLAVSS
PLLAVDD
PLLGNDR
PLLPWRR
TEST6
XSEL0
XSEL1
XSEL2
CVSS1
CVDD1
LRCKI
BCKI
DATAI
SCKI
DVSS1
DVDD1
SCKO
TEST7
DATAO2
DATAO1
DATAO0
BCKO
LRCKO
CVSS2
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
LC75051E
Top view


Similar Part No. - LC75051E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
More results

Similar Description - LC75051E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Sanyo Semicon Device
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
logo
Texas Instruments
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Texas Instruments
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com