Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF100-5 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # RF100-5
Description  HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

RF100-5 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  RF100-5 Datasheet HTML 1Page - Teledyne Technologies Incorporated RF100-5 Datasheet HTML 2Page - Teledyne Technologies Incorporated RF100-5 Datasheet HTML 3Page - Teledyne Technologies Incorporated RF100-5 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TYPICAL RF CHARACTERISTICS (Notes 1, 2 and 3)
ISOLATION POLE TO POLE (NOTE 4)
RF Notes:
1. Test conditions: a. Fixture: .031” copper clad, reinforced PTFE, RT/duroid® 6002 with SMA connectors. (RT/duroid® is a registered
trademark of Rogers Corporation).
b. Relay header is in contact with but not soldered to ground plane or connected to ground via ground pin.
c. Test performed at room ambient temperature.
d. Terminals not tested were terminated with 50 ohm load.
e. Contact signal level: 20 dBm.
2. Data presented herein represents typical characteristics and is not intended for use as specification limits.
3. Data is per pole.
4. Data is the average from readings taken when the relay is de-energized and energized. Measurement points are from pins 1 and 3 to
pins 5 and 7 (de-energized) and pins 1 and 2 to pins 6 and 7 (energized).
5.Data is the average from readings taken when the relay is de-energized and energized. Measurement points are from pins 1, 3 to 2 and
pins 5,7 to 6 (de-energized) and pins 1,2 to 3 and pins 6,7 to 5 (energized).
SERIES RF100 and RF103
INSERTION LOSS AND VSWR CHARACTERISTICS RF100 and RF103 NORMALLY CLOSED CONTACTS
INSERTION LOSS AND VSWR CHARACTERISTICS RF100 and RF103 NORMALLY OPEN CONTACT
ISOLATION CHARACTERISTICS RF100 AND RF103 RELAYS
1.5
1.4
1.3
1.2
1.1
1.0
2.0
1.9
1.8
1.7
1.6
INSERTION LOSS
1.0
2.0
3.0
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
1.2
-1.4
-1.6
-1.8
-2.0
FREQUENCY (GHz)
VSWR
.0003
4.0
5.0
6.0
INSERTION LOSS
FREQUENCY (GHz)
VSWR
1.5
1.4
1.3
1.2
1.1
1.0
2.0
1.9
1.8
1.7
1.6
1.0
2.0
3.0
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
1.2
-1.4
-1.6
-1.8
-2.0
.0003
4.0
5.0
6.0
-10
-20
-30
-40
-50
-60
0
1.0
2.0
3.0
.0003
FREQUENCY (GHz)
4.0
5.0
6.0
-10
-20
-30
-40
-50
-60
0
1.0
2.0
3.0
.0003
FREQUENCY (GHz)
4.0
5.0
6.0
ISOLATION CONTACT TO CONTACT (NOTE 5)


Similar Part No. - RF100-5

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
RF100 WILLOW-RF100 Datasheet
868Kb / 2P
   Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
REYCONNS CHINA LIMITED
RF1001 REYCONNS-RF1001 Datasheet
250Kb / 6P
   SAW Filter
logo
Rohm
RF1001NS2D ROHM-RF1001NS2D Datasheet
669Kb / 8P
   Super Fast Recovery Diode
RF1001NS2DFH ROHM-RF1001NS2DFH Datasheet
949Kb / 7P
   Super Fast Recovery Diode
RF1001T2 ROHM-RF1001T2 Datasheet
717Kb / 8P
   Fast recovery diodes
More results

Similar Description - RF100-5

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
A152-20-5 TELEDYNE-A152-20-5 Datasheet
229Kb / 7P
   HIGH REPEATABILITY ULTRAMINIATURE BROADBAND ATTENUATOR RELAYS
RF320-5 TELEDYNE-RF320-5 Datasheet
123Kb / 5P
   HIGH REPEATABILITY ULTRAMINIATURE T0-5, RF BYPASS RELAY DC TO 3 GHz
RF310-5 TELEDYNE-RF310-5 Datasheet
117Kb / 4P
   HIGH REPEATABILITY ULTRAMINIATURE T0-5 RF BYPASS RELAY DC TO 3 GHz
GRF100 TELEDYNE-GRF100 Datasheet
494Kb / 4P
   HIGH REPEATABILITY,SMT DPDT, BROADBAND 6 GHz,CENTIGRID® RELAYS
09/2021
RF131 TELEDYNE-RF131 Datasheet
908Kb / 6P
   HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps NON-LATCHING RF RELAY
11/2021
RF121 TELEDYNE-RF121 Datasheet
892Kb / 6P
   HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps MAGNETIC-LATCHING RF RELAY
09/2021
RF300 TELEDYNE-RF300 Datasheet
874Kb / 8P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
07/2021
logo
List of Unclassifed Man...
RF300 ETC1-RF300 Datasheet
283Kb / 4P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
logo
Teledyne Technologies I...
GRF121A TELEDYNE-GRF121A Datasheet
903Kb / 6P
   SURFACE MOUNT HIGH REPEATABILITY SPDT, BROADBAND 18 GHZ 40GBPS MAGNETIC-LATCHING RF RELAY
06/2021
GRF131 TELEDYNE-GRF131 Datasheet
1Mb / 6P
   SURFACE MOUNT HIGH REPEATABILITY SPDT, BROADBAND 18 GHZ,40GBPS NON-LATCHING RF RELAY
11/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com