Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24D25-22 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # S24D25-22
Description  Single Output to 125A 660 Vac AC/DC Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

S24D25-22 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  S24D25-22 Datasheet HTML 1Page - Teledyne Technologies Incorporated S24D25-22 Datasheet HTML 2Page - Teledyne Technologies Incorporated S24D25-22 Datasheet HTML 3Page - Teledyne Technologies Incorporated S24D25-22 Datasheet HTML 4Page - Teledyne Technologies Incorporated S24D25-22 Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
S\032003\Q1
Series S
INPUT (CONTROL) SPECIFICATION
Input Type
Min
Max
Units
Control Range
S24
R
3
30
Vdc
D4
30
Vdc
S48
R
4
30
Vdc
D5
30
Vdc
S60
D
7
30
Vdc
SxxA
A
90
240
Vac/Vdc
Sxxxxx-22
A
17
80
Vac/Vdc
Input Current Range
S
R/D
3
30
mA
SA
3
8
mA
Sxxxxx-22
A
5.6
26
mA
Must Turn-Off Voltage
S
R/D
1
Vdc
S24
A
15
Vac
S48
A
1
Vac
Sxxxxx-22
3
Vac
Input Resistance (Typical)
S
R/D
1000
Ohms
SA
30,000
Ohms
Sxxxxx-22
3000
Ohms
Reverse Voltage Protection
S
R/D
30
V
SA
NA
Control Voltage (V)
4
6
8
10
14
16
20
18
22
24
26
28
12
2
0
210 12 14
04
6
8
16 18
26 28 30
20 22 24
CONTROL CHARACTERISTICS
Figure 3a — S48R, S48D and S60D relays
CONTROL CHARACTERISTICS
Control Voltage (V)
4
6
8
10
14
16
20
18
22
24
26
28
30
12
2
0
210 12 14
04
6
8
16 18
26 28 30
20 22 24
Figure 3b — S24D/R relays
Control Voltage (V)
0
010
20
30
40
506070
80
5
10
15
20
25
30
Figure 3c — S24A and S48A relays
Control Voltage (V)
4
6
8
2
0
20
100 120 140
040
60
80
160 180 200 220 240
Figure 3d — Sxxxxx-22 relays


Similar Part No. - S24D25-22

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
logo
Delta Electronics, Inc.
S24DE DELTA-S24DE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE DELTA-S24DE Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
S24DE05002NPFA DELTA-S24DE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NPFH DELTA-S24DE05002NPFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24D25-22

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
TS24D2G TELEDYNE-TS24D2G Datasheet
113Kb / 4P
   Output to 2.5A, 275 Vac AC/DC Control
SH24D25 TELEDYNE-SH24D25 Datasheet
913Kb / 8P
   Output to 125A, 690 Vac
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
   Single Output to 25A, 280 Vac DC control
logo
Crydom Inc.,
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
   Output to 12A 280 Vac DC Control
X24D12 TELEDYNE-X24D12 Datasheet
102Kb / 3P
   Output to 16A 280 Vac DC Control
FS24R10-06 TELEDYNE-FS24R10-06 Datasheet
96Kb / 3P
   Output to 20A 280 Vac DC Control
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com