Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM8611 Datasheet(PDF) 10 Page - PMC-Sierra, Inc

Part # PM8611
Description  SBSLITE??Telecom Standard Product Data Sheet Preliminary
Download  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8611 Datasheet(HTML) 10 Page - PMC-Sierra, Inc

Back Button PM8611 Datasheet HTML 6Page - PMC-Sierra, Inc PM8611 Datasheet HTML 7Page - PMC-Sierra, Inc PM8611 Datasheet HTML 8Page - PMC-Sierra, Inc PM8611 Datasheet HTML 9Page - PMC-Sierra, Inc PM8611 Datasheet HTML 10Page - PMC-Sierra, Inc PM8611 Datasheet HTML 11Page - PMC-Sierra, Inc PM8611 Datasheet HTML 12Page - PMC-Sierra, Inc PM8611 Datasheet HTML 13Page - PMC-Sierra, Inc PM8611 Datasheet HTML 14Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 292 page
background image
SBSLITE™ Telecom Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
9
Document ID: PMC-2010883, Issue 2
1
Features
• The PM8611 SBI336 Bus Serializer (SBSLITE™) is a:
° Scalable Bandwidth Interconnect (SBI™) converter and Time Division Multiplexer
(TDM) SBI switch.
° Byte-wide 77.76 MHz SBI336 bus to 777.6 MHz serial SBI336S converter.
° DS0, NxDS0, T1, E1, TVT1.5, TVT2, DS3 and E3 granular SBI336 to serial SBI336S
switch. Supports subrate link switching with the restriction that subrate links must be
symmetric in both the transmit and receive directions.
° Byte-wide 77.76 MHz TelecomBus to serial 777.6 MHz TelecomBus converter. This
requires the TelecomBus J1 byte to be in a fixed location corresponding to a value of 0 or
522 which is immediately following the C1 octets:
° VT1.5, VT2, STS-1 77.76 MHz TelecomBus to serial TelecomBus switch.
• Can be used with the Narrowband Switch Elements, NSE-20G, to implement a DS0
granularity SBI Memory:Space:Memory switch scalable to 20 Gbit/s and NSE-8G, to
implement a switch scalable to 8 Gbit/s. In TelecomBus mode, a 20 Gbit/s VT1.5/VT2
granularity Memory:Space:Memory switch can be implemented.
• Integrates two independent DS0 granularity Memory Switches. One switch is placed
between the incoming 77.76 MHz byte-wide SBI336 bus and the transmit working and
protect Serial SBI336S link. The transmit working and protect links transmit the same data.
The other switch is placed between the receive working or protect Serial SBI336S link and
the outgoing 77.76 MHz byte-wide SBI336 bus.
• Provides 125 µS nominal latency in DS0 mode. Channel Associated Signaling (CAS) latency
through the SBSLITE in DS0 mode is two T1 multiframe (6 mS) or two E1 multiframe (4
mS).
• Provides less than 16 µS nominal latency in TelecomBus mode or SBI mode without DS0
level switching.
• Permits any receive or incoming byte from an input port to be mapped to any outgoing or
transmit byte, respectively, on the associated output port through the Memory switch.
• Supports redundant working and protect serial SBI336S links in support of a redundant
Memory:Space:Memory switch with the NSE.
• Encodes and decodes byte-wide SBI336 bus control signals for all SBI supported link types
and clock modes for transport over the serial SBI336S interface.
• Encodes data from the Incoming SBI336 bus or TelecomBus stream to a working and protect
777.6 Mbit/s LVDS serial links with 8B/10B-based encoding.
• Decodes data from a working and protect 777.6 MHz low voltage differential serializer
(LVDS) serial links with 8B/10B-based encoding to the Outgoing SBI336 bus or TelecomBus
stream.
• In SBI mode, switches CAS bits with all DS0 data.


Similar Part No. - PM8611

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM861 ARTESYN-PM861 Datasheet
38Kb / 2P
   Single and dual output 10 to 12 Watt Nominal input DC/DC converters
logo
PMC-Sierra, Inc
PM8610 PMC-PM8610 Datasheet
58Kb / 4P
   SBI Bus Serializer / STS-12 Time Slot Interchange
PM8610 PMC-PM8610 Datasheet
1Mb / 338P
   SBS Telecom Standard Product Data Sheet Preliminary
PM8610 PMC-PM8610 Datasheet
44Kb / 2P
   SBI Bus Serializer / STS-12 Time Slot Interchange
PM8610-1 PMC-PM8610-1 Datasheet
44Kb / 2P
   SBI Bus Serializer / STS-12 Time Slot Interchange
More results

Similar Description - PM8611

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8610 PMC-PM8610 Datasheet
1Mb / 338P
   SBS Telecom Standard Product Data Sheet Preliminary
PM7325 PMC-PM7325 Datasheet
2Mb / 2P
   S/UNI-ATLAS-3200 Telecom Standard Product Data Sheet Preliminary
PM8621 PMC-PM8621 Datasheet
1Mb / 184P
   NSE-8G??Standard Product Data Sheet Preliminary
PM8620 PMC-PM8620 Datasheet
1Mb / 190P
   NSE-20G??Standard Product Data Sheet Preliminary
logo
EPCOS
B82462G4103M EPCOS-B82462G4103M Datasheet
45Kb / 3P
   PRELIMINARY DATA SHEET
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
   DATA SHEET REV.2.0(PRELIMINARY)
logo
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
logo
Murata Manufacturing Co...
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
logo
Lite-On Technology Corp...
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
   Photocoupler Product Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com