Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S114DD-5 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # S114DD-5
Description  CENTIGRID SURFACE MOUNT AEROSPACE RELAY DPDT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

S114DD-5 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  S114DD-5 Datasheet HTML 1Page - Teledyne Technologies Incorporated S114DD-5 Datasheet HTML 2Page - Teledyne Technologies Incorporated S114DD-5 Datasheet HTML 3Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNIFRAME
ARMATURE
UPPER
STATIONARY
CONTACT
MOVING
CONTACT
LOWER
STATIONARY
CONTACT
56
SERIES
S114
CENTIGRID®
SURFACE MOUNT
AEROSPACE RELAY
DPDT
TELEDYNE RELAYS
SERIES
DESIGNATION
RELAY TYPE
S114
DPDT basic relay
S114D
DPDT relay with internal diode for coil suppression
S114DD
DPDT relay with internal diodes for coil transient suppression and polarity
reversal protection
DESCRIPTION
The S114 Series Surface Mount Centigrid
® Relay is an ultraminiature, hermetically sealed,
armature relay. The low profile height (.360”) and .100” lead spacing make it ideal for
applications where extreme packaging density and/or close PC board spacing are required.
The specially formed leads are pre-tinned to make the relays ideal for most types of surface
mount solder reflow processes.
The basic design and internal construction are identical to the 114 Series Centigrid® relays,
and are capable of meeting Teledyne Relays T 2R® requirements. The following unique
construction features and manufacturing techniques provide overall high reliability and
excellent resistance to environmental extremes:
• All welded construction.
• Unique uni-frame design providing high magnetic efficiency and mechanical rigidity.
• High force/mass ratios for resistance to shock and vibration.
• Advanced cleaning techniques provide maximum assurance of internal cleanliness.
• Precious metal alloy contact material with gold plating assures excellent high current
and dry circuit switching capabilities.
The S114D and S114DD Series utilize internal discrete silicon diodes for coil suppression
and polarity reversal protection.
By virtue of its inherently low intercontact capacitance and contact circuit losses, the S114
relay has shown itself to be an excellent ultraminiature RF switch for frequency ranges well
into the UHF spectrum. A typical RF application for the S114 relay is in hand held radio
transceivers, wherein the combined features of good RF performance, small size, low coil
power dissipation and high reliability make it a preferred method of transmit-receive
switching (see Figure 1).
INTERNAL CONSTRUCTION
Temperature
-65°C to +125°C
(Ambient)
Vibration
30 g’s to 3000 Hz (Note 3)
Shock
75 g’s for 6 msec. (Note 3)
half-sine
Acceleration
50 g’s (Note 3)
Enclosure
All welded, hermetically sealed
Weight
0.07 oz (1.9 gms.) max.
Reflow
260°C max. temp.
Temperature
5 min. max. above 180°C
ENVIRONMENTAL AND
PHYSICAL SPECIFICATIONS


Similar Part No. - S114DD-5

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S114D TELEDYNE-S114D Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114D-12/Q TELEDYNE-S114D-12/Q Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114D-12/R TELEDYNE-S114D-12/R Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114D-26/Q TELEDYNE-S114D-26/Q Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114D-26/R TELEDYNE-S114D-26/R Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
More results

Similar Description - S114DD-5

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
S172-5 TELEDYNE-S172-5 Datasheet
43Kb / 2P
   CENTIGRID SURFACE MOUNT COMMERCIAL RELAY DPDT
RF120-5 TELEDYNE-RF120-5 Datasheet
46Kb / 2P
   AEROSPACE CENTIGRID MAGNETIC-LATCHING R.F. RELAYS DPDT
S172 TELEDYNE-S172 Datasheet
492Kb / 3P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S114 TELEDYNE-S114 Datasheet
399Kb / 4P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S134 TELEDYNE-S134 Datasheet
352Kb / 6P
   CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS SENSITIVE DPDT
08/2018
RF170-5 TELEDYNE-RF170-5 Datasheet
43Kb / 2P
   COMMERCIAL CENTIGRID MAGNETIC LATCHING R.F. RELAYS DPDT
logo
Omron Electronics LLC
G6S2FTRDC5 OMRON-G6S2FTRDC5 Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
logo
Teledyne Technologies I...
GRF172 TELEDYNE-GRF172 Datasheet
1Mb / 4P
   DPDT Non-Latching Surface Mount 2.5GHz RF Relay
07/2021
136C TELEDYNE-136C Datasheet
612Kb / 5P
   CENTIGRID® ESTABLISHED RELIABILITY MILITARY DPDT SENSITIVE CMOS COMPATIBLE
07/2021
logo
Omron Electronics LLC
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com