Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72151V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC72151V
Description  PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72151V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC72151V Datasheet HTML 1Page - Sanyo Semicon Device LC72151V Datasheet HTML 2Page - Sanyo Semicon Device LC72151V Datasheet HTML 3Page - Sanyo Semicon Device LC72151V Datasheet HTML 4Page - Sanyo Semicon Device LC72151V Datasheet HTML 5Page - Sanyo Semicon Device LC72151V Datasheet HTML 6Page - Sanyo Semicon Device LC72151V Datasheet HTML 7Page - Sanyo Semicon Device LC72151V Datasheet HTML 8Page - Sanyo Semicon Device LC72151V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Ordering number : ENN6976A
82102TN (OT) / 83101RM (OT) No. 6976-1/29
Overview
The LC72151V is a PLL frequency synthesizer for car
audio systems. It can implement high-performance
multifunction tuners such as RDS tuners and features a
fast locking circuit.
Functions
• High-speed programmable divider
— FMIN: 10 to 160 MHz: Pulse swallower type
— AMIN: 2 to 40 MHz: Pulse swallower type
0.5 to 10 MHz: Direct division type
• IF counter
— HCTR: 0.4 to 25 MHz: for FM IF count
— LCTR: 10 to 500 kHz: for AM IF count
1.0 to 20
× 103 Hz: for frequency
measurement
• Reference frequency
— One of 11 frequencies may be selected (when a
10.25 or 10.35 MHz crystal is used)
50, 30*, 25, 12.5, 10, 9*, 6.25, 5, 3.125, 3*, 1 kHz
Note: Cannot be used when a 10.25 MHz crystal is
used
• Phase comparator
— Supports dead band control
— Built-in unlock detection circuit
— Built-in deadlock clearing circuit
• Built-in amplifier for forming an active low-pass filter
— Built-in operational amplifier for FM high-speed
locking
— Built-in MOS transistor for AM tuning
• Built-in crystal oscillator output buffer
• I/O ports — General-purpose I/O: 2 pins
— Four input ports (maximum)
— Three output ports (maximum)
• Serial data I/O
— Supports communication with the controller in the
CCB format.
• Operating ranges
— Supply voltage: 4.5 to 5.5 V (VDD)
7.5 to 9.5 V (AVDD)
— Operating temperature: –40 to +85°C
• Package
— SSOP30
Package Dimensions
unit: mm
3191A-SSOP30
15
1
16
30
9.75
0.65
(0.43)
0.22
0.15
SANYO: SSOP30
[LC72151V]
LC72151V
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
PLL Frequency Synthesizer for Electronic Tuning
in Car Audio Systems
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


Similar Part No. - LC72151V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7215 SANYO-LC7215 Datasheet
73Kb / 7P
   MW/LW PLL Frequency Synthesizers
LC7215F SANYO-LC7215F Datasheet
73Kb / 7P
   MW/LW PLL Frequency Synthesizers
LC7215FM SANYO-LC7215FM Datasheet
73Kb / 7P
   MW/LW PLL Frequency Synthesizers
More results

Similar Description - LC72151V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
   Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
LC72191 SANYO-LC72191 Datasheet
194Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com