Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV161284DL Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV161284DL
Description  19-BIT BUS INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV161284DL Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV161284DL Datasheet HTML 1Page - Texas Instruments SN74LV161284DL Datasheet HTML 2Page - Texas Instruments SN74LV161284DL Datasheet HTML 3Page - Texas Instruments SN74LV161284DL Datasheet HTML 4Page - Texas Instruments SN74LV161284DL Datasheet HTML 5Page - Texas Instruments SN74LV161284DL Datasheet HTML 6Page - Texas Instruments SN74LV161284DL Datasheet HTML 7Page - Texas Instruments SN74LV161284DL Datasheet HTML 8Page - Texas Instruments SN74LV161284DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN74LV161284
19-BIT BUS INTERFACE
SCLS426C – OCTOBER 1998 – REVISED NOVEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical
characteristics
over
recommended
operating
free-air
temperature
range,
VCC CABLE = VCC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
∆V
It h
t
i
VthH – VthL for all inputs except the
C inputs and HOST LOGIC IN
4.5 V to 5.5 V
0.4
V
∆Vt
Input hysteresis
VthH – VthL for the HOST LOGIC IN
5V
0.3
V
VthH – VthL for the C inputs
5 V
0.8
VIK
Input clamp diode voltage
II = –18 mA
3 V
–1.2
V
B and Y outputs
IOH = –14 mA (HD high)
3.73
VOH
A outputs and HOST LOGIC OUT
IOH = –8 mA (HD high)
4.5 V
3.8
V
VOH
A outputs and HOST LOGIC OUT
IOH = –50 µA
4.4
V
PERI LOGIC OUT
IOH = –0.5 mA
4.5 V
4.45
B and Y outputs
IOL = 14 mA
0.77
VOL
A outputs and HOST LOGIC OUT
IOL = 50 µA
45 V
0.1
V
VOL
A outputs and HOST LOGIC OUT
IOL = 8 mA
4.5 V
0.44
V
PERI LOGIC OUT
IOL = 84 mA
0.7
Cinputs
VI = VCC
55 V
350
µA
II
C inputs
VI = GND (pullup resistors)
5.5 V
–5
mA
II
B and C inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
mA
All inputs except the B or C inputs
VI = VCC or GND
5.5 V
±1
µA
B outputs
VO = VCC
5.5 V
350
µA
IOZ
B outputs
VO = GND (pullup resistors)
5.5 V
–5
mA
IOZ
A1–A8
VO = VCC or GND
5.5 V
±20
µA
Open-drain Y outputs
VO = GND (pullup resistors)
5.5 V
–5
mA
IOZPU
B and Y outputs
VO = 5.5 V
0to2V
350
µA
IOZPU
B and Y outputs
VO = GND
0 to 2 V
–5
mA
IOZPD
B and Y outputs
VO = 5.5 V
2Vto0
350
µA
IOZPD
B and Y outputs
VO = GND
2 V to 0
–5
mA
I ff
Power-down output leakage,
Outputs B1 – B8, Y9 – Y13, and
PERI LOGIC OUT
VO = 5.5 V
0
100
µA
Ioff
Power-down input leakage,
Inputs C14 – C17 and HOST
LOGIC IN
VI = 5.5 V
0
100
µA
I
VI = VCC,
IO = 0
55 V
0.8
mA
ICC‡
VI = GND (12 × pullup)
5.5 V
70
mA
Ci
All inputs
VI = VCC or GND
5 V
5
pF
Cio
I/O ports
VO = VCC or GND
5 V
9
pF
ZO
Cable side
IOH = –35 mA
5 V
45
R pullup
Cable side
VO = 0 V (in Hi Z)
5 V
1.15
1.65
k
† All typical values are at VCC = 5 V, TA = 25°C.
‡ A maximum current of 170
µA per pin is added to ICC if the pullup resistor pin is above VCC.


Similar Part No. - SN74LV161284DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV161284DL TI-SN74LV161284DL Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LV161284DLR TI-SN74LV161284DLR Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
More results

Similar Description - SN74LV161284DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC161284 TI-SN74LVC161284 Datasheet
206Kb / 12P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LV161284 TI-SN74LV161284 Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LVC161284 TI-SN74LVC161284_07 Datasheet
340Kb / 14P
[Old version datasheet]   19-BIT BUS INTERFACE
74ACT11825 TI1-74ACT11825 Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOP
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
logo
Fairchild Semiconductor
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
logo
NXP Semiconductors
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com