Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV161284 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV161284
Description  19-BIT BUS INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV161284 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV161284 Datasheet HTML 1Page - Texas Instruments SN74LV161284 Datasheet HTML 2Page - Texas Instruments SN74LV161284 Datasheet HTML 3Page - Texas Instruments SN74LV161284 Datasheet HTML 4Page - Texas Instruments SN74LV161284 Datasheet HTML 5Page - Texas Instruments SN74LV161284 Datasheet HTML 6Page - Texas Instruments SN74LV161284 Datasheet HTML 7Page - Texas Instruments SN74LV161284 Datasheet HTML 8Page - Texas Instruments SN74LV161284 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN74LV161284
19-BIT BUS INTERFACE
SCLS426C – OCTOBER 1998 – REVISED NOVEMBER 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range: VCC CABLE
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input and output voltage range, VI and VO: Cable side (see Notes 1 and 2)
–2 V to 7 V
. . . . . . . . . . . . . . . . . .
Peripheral side (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC )
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through each VCC or GND
±200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output high sink current, ISK (VO = 5.5 V and VCC CABLE = 5.5 V)
65 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): DGG package
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
63
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The ac input voltage pulse duration is limited to 40 ns if the amplitude is more negative than –0.5 V.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC CABLE
Supply voltage for the cable side, VCC CABLE ≥ VCC
4.5
5.5
V
VCC
Supply voltage
4.5
5.5
V
A, DIR, HD, and PERI LOGIC IN
VCC × 0.7
VIH
High level input voltage
B
2
V
VIH
High-level input voltage
C14–C17
2.3
V
HOST LOGIC IN
2.6
A, DIR, HD, and PERI LOGIC IN
VCC × 0.3
VIL
Low level input voltage
B
0.8
V
VIL
Low-level input voltage
C14–C17
0.8
V
HOST LOGIC IN
1.6
VI
Input voltage
Peripheral side
0
VCC
V
VI
Input voltage
Cable side
0
5.5
V
VO
Open-drain output voltage
B, Y, and PERI LOGIC OUT (HD low)
0
5.5
V
B and Y outputs (HD high)
–14
IOH
High-level output current
A outputs and HOST LOGIC OUT
–8
mA
PERI LOGIC OUT
–0.5
B and Y outputs
14
IOL
Low-level output current
A outputs and HOST LOGIC OUT
8
mA
PERI LOGIC OUT
84
TA
Operating free-air temperature
–40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74LV161284

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV161284 TI-SN74LV161284 Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LV161284DGG TI-SN74LV161284DGG Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LV161284DGGR TI-SN74LV161284DGGR Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LV161284DL TI-SN74LV161284DL Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LV161284DLR TI-SN74LV161284DLR Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
More results

Similar Description - SN74LV161284

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC161284 TI-SN74LVC161284 Datasheet
206Kb / 12P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LV161284 TI-SN74LV161284 Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
SN74LVC161284 TI-SN74LVC161284_07 Datasheet
340Kb / 14P
[Old version datasheet]   19-BIT BUS INTERFACE
74ACT11825 TI1-74ACT11825 Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOP
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
logo
Fairchild Semiconductor
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
logo
NXP Semiconductors
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com