Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM100RSD120 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM100RSD120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM100RSD120 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM100RSD120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM100RSD120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM100RSD120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM100RSD120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM100RSD120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM100RSD120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM100RSD120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM100RSD120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM100RSD120 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM100RSD120
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
MITSUBISHI <INTELLIGENT POWER MODULES>
PM100RSD120
FLAT-BASE TYPE
INSULATED PACKAGE
PM100RSD120
FEATURE
a) Adopting new 4th generation planar IGBT chip, which per-
formance is improved by 1
µm fine rule process.
b) Using new Diode which is designed to get soft reverse
recovery characteristics.
c) Keeping the package compatibility.
The layout/position of both terminal pin and mounting hole
is same as S-series 3rd generation IPM.
•3
φ 100A, 1200V Current-sense IGBT for 15kHz switching
• 50A, 1200V Current-sense regenerative brake IGBT
• Monolithic gate drive & protection logic
• Detection, protection & status indication circuits for over-
current, short-circuit, over-temperature & under-voltage
(P-Fo available from upper leg devices)
• Acoustic noise-less 18.5/22kW class inverter application
• UL Recognized
Yellow Card No.E80276(N)
File No.E80271
APPLICATION
General purpose inverter, servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
135
24.1
MOUNTING
HOLES
40.68
3.22
10
3-2
3.22
3-2
3-2
3-2
6-2
10
66.44
10
±1
1234
5678
9
10
11
12
13
14
15
16
17
18
19
120.5
LABEL
4-
φ5.5
φ2.54
Screwing depth
Min9.0
2-
φ2.54
19-
0.5
±0.5
0.5
51.5
A
26
10.5
26
4-R6
6-M5 NUTS
±0.3
U
VW
0.5
A : DETAIL
Terminal code
1. VUPC
2. UFO
3. UP
4. VUP1
5. VVPC
6. VFO
7. VP
8. VVP1
9. VWPC
10. WFO
11. WP
12. VWP1
13. VNC
14. VN1
15. Br
16. UN
17. VN
18. WN
19. FO


Similar Part No. - PM100RSD120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100RSD120 POWEREX-PM100RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
More results

Similar Description - PM100RSD120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com