Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM4220PFBRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM4220PFBRG4
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFBRG4 Datasheet(HTML) 4 Page - Texas Instruments

  PCM4220PFBRG4 Datasheet HTML 1Page - Texas Instruments PCM4220PFBRG4 Datasheet HTML 2Page - Texas Instruments PCM4220PFBRG4 Datasheet HTML 3Page - Texas Instruments PCM4220PFBRG4 Datasheet HTML 4Page - Texas Instruments PCM4220PFBRG4 Datasheet HTML 5Page - Texas Instruments PCM4220PFBRG4 Datasheet HTML 6Page - Texas Instruments PCM4220PFBRG4 Datasheet HTML 7Page - Texas Instruments PCM4220PFBRG4 Datasheet HTML 8Page - Texas Instruments PCM4220PFBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: ANALOG INPUTS, OUTPUTS, AND DC ERROR
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
ELECTRICAL CHARACTERISTICS: DIGITAL AND DYNAMIC PERFORMANCE (continued)
All specifications are at TA = +25°C, VCC1 = VCC2 = +4.0V, and VDD = +3.3V, unless otherwise noted.
PCM4220
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Decimation Filter Characteristics:
Classic Response
Passband
0.4535
× f
S
Hz
Passband ripple
±0.00015
dB
Stop band
0.5465
× f
S
Hz
Stop band attenuation
–100
dB
Group delay
39/fS
Seconds
Digital Decimation Filter Characteristics:
Low Group Delay Response
Passband
0.4167
× f
S
Hz
Passband ripple
±0.001
dB
Stop band
0.5833
× f
S
Hz
Stop band attenuation
–90
dB
Group delay
21/fS
Seconds
Digital High-Pass Filter Characteristics
–3dB corner frequency
High-pass filter enabled
fS/48000
Hz
All specifications are at TA = +25°C, VCC1 = VCC2 = +4.0V, and VDD = +3.3V, unless otherwise noted.
PCM4220
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale input range
Differential input
Referenced from VINL+ to VINL–, or VINR+ to
5.6
VPP
VINR–
Per input pin
Applies to VINL+, VINL–, VINR+, or VINR–
2.8
VPP
Input impedance
Applies to VINL+, VINL–, VINR+, or VINR–
2.8
k
Common-mode rejection
100
dB
ANALOG OUTPUTS
Common-mode output voltage
Left channel, VCOML
Measured from VCOML to AGND
0.4875
× VCC2
V
Right channel, VCOMR
Measured from VCOMR to AGND
0.4875
× VCC1
V
Common-mode output current
Applies to VCOML or VCOMR
200
µA
DC ERROR
Output offset error
Digital high-pass filter disabled
3
mV
Offset drift
Digital high-pass filter disabled
3.5
µV/°C
4
Submit Documentation Feedback


Similar Part No. - PCM4220PFBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM4220PFBR TI-PCM4220PFBR Datasheet
929Kb / 37P
[Old version datasheet]   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
More results

Similar Description - PCM4220PFBRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4222 BURR-BROWN-PCM4222 Datasheet
910Kb / 38P
   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4222 BURR-BROWN-PCM4222_07 Datasheet
913Kb / 40P
   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
logo
Texas Instruments
PCM4220 TI-PCM4220_15 Datasheet
929Kb / 37P
[Old version datasheet]   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
logo
Burr-Brown (TI)
PCM4204 BURR-BROWN-PCM4204 Datasheet
554Kb / 34P
   HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
   High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
logo
Texas Instruments
PCM4108 TI-PCM4108 Datasheet
551Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM4202 BURR-BROWN-PCM4202 Datasheet
342Kb / 26P
   High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PCM1604 BURR-BROWN-PCM1604 Datasheet
263Kb / 32P
   24-Bit, 192kHz Sampling,6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1600 BURR-BROWN-PCM1600 Datasheet
253Kb / 28P
   24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com