Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM4220PFB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 6Page - Texas Instruments PCM4220PFB Datasheet HTML 7Page - Texas Instruments PCM4220PFB Datasheet HTML 8Page - Texas Instruments PCM4220PFB Datasheet HTML 9Page - Texas Instruments PCM4220PFB Datasheet HTML 10Page - Texas Instruments PCM4220PFB Datasheet HTML 11Page - Texas Instruments PCM4220PFB Datasheet HTML 12Page - Texas Instruments PCM4220PFB Datasheet HTML 13Page - Texas Instruments PCM4220PFB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
www.ti.com
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
1k
100
20
10k
50k
f =96kHz
f
=997Hz, 60dB
S
IN
-
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
1k
100
20
10k
50k
f =96kHz
IdleChannel(noinput)
S
InputFrequency(Hz)
-60
-70
-80
-90
-110
-120
-130
1k
100
20
10k
40k
-100
f =96kHz
InputAmplitude= 1dB
BW=22Hzto40kHz
S
-
InputAmplitude(dB)
-60
-70
-80
-90
-100
-110
-120
-130
-40
-120
-140
-20
0
-100
-80
-60
f =96kHz
f
=997Hz
BW=22Hzto40kHz
S
IN
InputFrequency(kHz)
0
-80
-100
-120
-140
-160
-180
-200
25
5
0
30
40
10
15
20
35
-60
-40
-20
f =96kHz
S
LeftChannel
RightChannel
InputAmplitude(dB)
0
-20
-40
-60
-80
-100
-120
-140
-40
-120
-140
-20
0
-100
-80
-60
f =96kHz
S
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
At T
A = +25°C, VCC1 = VCC2 = +4.0V, and VDD = +3.3V, unless otherwise noted.
FFT PLOT
FFT PLOT
Figure 9.
Figure 10.
THD+N vs INPUT FREQUENCY
THD+N vs INPUT AMPLITUDE
Figure 11.
Figure 12.
CHANNEL SEPARATION vs INPUT FREQUENCY
LINEARITY
Figure 13.
Figure 14.
10
Submit Documentation Feedback


Similar Part No. - PCM4220PFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM4220PFB TI-PCM4220PFB Datasheet
929Kb / 37P
[Old version datasheet]   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
PCM4220PFBG4 TI-PCM4220PFBG4 Datasheet
929Kb / 37P
[Old version datasheet]   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
PCM4220PFBR TI-PCM4220PFBR Datasheet
929Kb / 37P
[Old version datasheet]   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
More results

Similar Description - PCM4220PFB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4222 BURR-BROWN-PCM4222 Datasheet
910Kb / 38P
   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PCM4222 BURR-BROWN-PCM4222_07 Datasheet
913Kb / 40P
   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
logo
Texas Instruments
PCM4220 TI-PCM4220_15 Datasheet
929Kb / 37P
[Old version datasheet]   High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
REVISED AUGUST 2009
logo
Burr-Brown (TI)
PCM4204 BURR-BROWN-PCM4204 Datasheet
554Kb / 34P
   HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
PCM4104 BURR-BROWN-PCM4104 Datasheet
486Kb / 36P
   High-Performance, 24-Bit, 216kHz sampling, Four-channel Audio Digital-to-Analog Converter
logo
Texas Instruments
PCM4108 TI-PCM4108 Datasheet
551Kb / 39P
[Old version datasheet]   HIGH-PERFORMANCE, 24-BIT, 216kHz SAMPLING, EIGHT-CHANNEL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM4202 BURR-BROWN-PCM4202 Datasheet
342Kb / 26P
   High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PCM1604 BURR-BROWN-PCM1604 Datasheet
263Kb / 32P
   24-Bit, 192kHz Sampling,6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1600 BURR-BROWN-PCM1600 Datasheet
253Kb / 28P
   24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com