Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4733ETA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4733ETA
Description  50廓, Dual SPST Analog Switches in UCSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4733ETA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4733ETA Datasheet HTML 1Page - Maxim Integrated Products MAX4733ETA Datasheet HTML 2Page - Maxim Integrated Products MAX4733ETA Datasheet HTML 3Page - Maxim Integrated Products MAX4733ETA Datasheet HTML 4Page - Maxim Integrated Products MAX4733ETA Datasheet HTML 5Page - Maxim Integrated Products MAX4733ETA Datasheet HTML 6Page - Maxim Integrated Products MAX4733ETA Datasheet HTML 7Page - Maxim Integrated Products MAX4733ETA Datasheet HTML 8Page - Maxim Integrated Products MAX4733ETA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX4731/MAX4732/MAX4733 low-voltage, dual,
single-pole/single-throw (SPST) analog switches oper-
ate from a single +2V to +11V supply and handle rail-
to-rail analog signals. These switches exhibit low
leakage current (0.1nA) and consume less than 0.5nW
(typ) of quiescent power, making them ideal for battery-
powered applications.
When powered from a +3V supply, these switches fea-
ture 50
Ω (max) on-resistance (RON) with 3.5Ω (max)
matching between channels, and 9
Ω (max) flatness
over the specified signal range.
The MAX4731 has two normally open (NO) switches,
the MAX4732 has two normally closed (NC) switches,
and the MAX4733 has one NO and one NC switch. The
MAX4731/MAX4732/MAX4733 are available in 9-bump
chip-scale packages (UCSP™), along with 8-pin TDFN
and 8-pin µMAX® packages. The tiny UCSP occupies a
1.52mm 1.52mm area and significantly reduces the
required PC board area.
Applications
Battery-Powered Systems
Audio/Video-Signal Routing
Low-Voltage Data-Acquisition Systems
Cell Phones
Communications Circuits
PDAs
Features
o 1.52mm 1.52mm UCSP Package
o Guaranteed On-Resistance (RON)
25
Ω (max) at +5V
50
Ω (max) at +3V
o On-Resistance Matching
3
Ω (max) at +5V
3.5
Ω (max) at +3V
o Guaranteed < 0.1nA Leakage Current at
TA = +25°C
o Single-Supply Operation from +2.0V to +11V
o TTL/CMOS-Logic Compatible
o -108dB Crosstalk (1MHz)
o -72dB Off-Isolation (1MHz)
o Low Power Consumption: 0.5nW (typ)
o Rail-to-Rail Signal Handling
50
Ω, Dual SPST Analog Switches in UCSP
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2645; Rev 2 12/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN/BUMP-
PACKAGE
TOP
MARK
MAX4731EUA
-40°C to +85°C
8 µMAX
MAX4731ETA
-40°C to +85°C
8 TDFN-EP**
ALG
MAX4731EBL-
-40°C to +85°C
9 UCSP-9
ABV
MAX4732EUA
-40°C to +85°C
8 µMAX
MAX4732ETA
-40°C to +85°C
8 TDFN-EP**
ALH
MAX4732EBL-
-40°C to +85°C
9 UCSP-9
ABT
MAX4733EUA
-40°C to +85°C
8 µMAX
MAX4733ETA
-40°C to +85°C
8 TDFN-EP**
ALI
MAX4733EBL-
-40°C to +85°C
9 UCSP-9
ABS
NO2
V+
GND
IN2
IN1
NO1
COM1
COM2
TOP VIEW
(BUMPS
ON BOTTOM)
UCSP
MAX4731
A1
B1
C1
C2
C3
B3
A3
A2
MAX4732
NC2
V+
GND
IN2
IN1
NC1
COM1
COM2
UCSP
A1
B1
C1
C2
C3
B3
A3
A2
IN_
0
1
NO_
MAX4731
OFF
ON
SWITCHES SHOWN
FOR LOGIC "0" INPUT
IN_
0
1
NC_
MAX4732
ON
OFF
SWITCHES SHOWN
FOR LOGIC "0" INPUT
COM1
GND
NO1
TDFN
MAX4731
COM2
NO2
IN1
1
2
IN2
3
4
8
7
6
5
COM1
GND
NC1
TDFN
MAX4732
IN1
COM2
V+
1
2
IN2
3
4
8
7
6
5
TOP VIEW
(BUMPS
ON BOTTOM)
V+
NC2
Pin Configurations/Functional Diagrams/Truth Tables
UCSP is a trademark of Maxim Integrated Products, Inc.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Pin Configurations/Functional
Diagrams/Truth Tables
continued at end of data sheet.
*Future product—contact factory for availability.
**EP = Exposed pad.


Similar Part No. - MAX4733ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4733EUA MAXIM-MAX4733EUA Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
More results

Similar Description - MAX4733ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4684 MAXIM-MAX4684_V01 Datasheet
1Mb / 10P
   0.5廓/0.8廓 Low-Voltage, Dual SPDTl Analog Switches in UCSP
19-1977; Rev 5; 10/19
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com