Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4732EBL Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4732EBL
Description  50廓, Dual SPST Analog Switches in UCSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4732EBL Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4732EBL Datasheet HTML 5Page - Maxim Integrated Products MAX4732EBL Datasheet HTML 6Page - Maxim Integrated Products MAX4732EBL Datasheet HTML 7Page - Maxim Integrated Products MAX4732EBL Datasheet HTML 8Page - Maxim Integrated Products MAX4732EBL Datasheet HTML 9Page - Maxim Integrated Products MAX4732EBL Datasheet HTML 10Page - Maxim Integrated Products MAX4732EBL Datasheet HTML 11Page - Maxim Integrated Products MAX4732EBL Datasheet HTML 12Page - Maxim Integrated Products MAX4732EBL Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
50
Ω, Dual SPST Analog Switches in UCSP
_______________________________________________________________________________________
9
Test Circuits/Timing Diagrams (continued)
50%
VIL
LOGIC
INPUT
RL
300
IN_
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
(
RL
)
VN_
VIH
tOFF
0V
NO_
OR NC_
0.9 x VOUT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
COM_
CL
35pF
V+
VOUT
MAX4731
MAX4732
MAX4733
GND
RL + RON
tr < 5ns
tf < 5ns
VOUT = VN_
Figure 2. Switching Time
50%
0.9 x V0UT1
V+
0V
0V
LOGIC
INPUT
SWITCH
OUTPUT 2
(VOUT2)
0V
0.9 x VOUT2
tBBM
tBBM
LOGIC
INPUT
RL2
300
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
NC2
IN2
IN1
NO1
VOUT2
V+
V+
CL2
35pF
VN_
RL1
300
VOUT1
CL1
35pF
COM1
COM2
SWITCH
OUTPUT 1
(VOUT1)
MAX4733
tr < 5ns
tf < 5ns
Figure 3. Break-Before-Make Interval (MAX4733 only)
VGEN
GND
COM
CL
1nF
VOUT
V+
VOUT
IN
OFF
ON
OFF
∆VOUT
Q = (
∆VOUT)(CL)
NC_
OR NO_
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
IN
VIL TO VIH
V+
RGEN
IN_
MAX4731
MAX4732
MAX4733
Figure 4. Charge Injection


Similar Part No. - MAX4732EBL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4732EUA MAXIM-MAX4732EUA Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
More results

Similar Description - MAX4732EBL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4684 MAXIM-MAX4684_V01 Datasheet
1Mb / 10P
   0.5廓/0.8廓 Low-Voltage, Dual SPDTl Analog Switches in UCSP
19-1977; Rev 5; 10/19
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com